Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 24Page - STMicroelectronics L9805E Datasheet HTML 25Page - STMicroelectronics L9805E Datasheet HTML 26Page - STMicroelectronics L9805E Datasheet HTML 27Page - STMicroelectronics L9805E Datasheet HTML 28Page - STMicroelectronics L9805E Datasheet HTML 29Page - STMicroelectronics L9805E Datasheet HTML 30Page - STMicroelectronics L9805E Datasheet HTML 31Page - STMicroelectronics L9805E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
Clocks, Reset, Interrupts & Power saving modes
L9805E
28/127
3.6
Interrupts
A list of interrupt sources is given in Table 4 below, together with relevant details for each
source. Interrupts are serviced according to their order of priority, starting with I0, which has
the highest priority, and so to I12, which has the lowest priority.
The following list describes the origins for each interrupt level:
–
I0 connected to Ports PA0-PA7, PB0-PB1
–
I1 connected to CAN
–
I2 connected to Power Diagnostics
–
I3 connected to Output Compare of Timer 1
–
I4 connected to Input Capture of TImer 1
–
I5 connected to Timer 1 Overflow
–
I6 connected to Output Compare of Timer 2
–
I7 connected to Input Capture of TImer 2
–
I8 connected to Timer 2 Overflow
–
I9 connected to ADC End Of Conversion
–
I10 connected to PWM 1 Overflow
–
I11 connected to PWM 2 Overflow
–
I12 connected to EEPROM
Exit from Halt mode may only be triggered by an External Interrupt on one of the following
ports: PA0-PA7 (I0), PB0-PB1 (I0), or by an Internal Interrupt coming from CAN peripheral
(I1).
If more than one input pin of a group connected to the same interrupt line are selected
simultaneously, the OR of this signals generates the interrupt.
Table 4.
Interrupt Mapping
Interrupts
Register
Flag name
Interrupt
source
Vector
Address
Reset
N/A
N/A
-
FFFEh-FFFFh
Software
N/A
N/A
-
FFFCh-FFFDh
Ext. Interrupt (Ports PA0-PA7, PB0-
PB1)
N/A
N/A
I0
FFFAh-FFFBh
Receive Interrupt Flag
CAN Status
RXIFi
I1
FFF8h-FFF9h
Transmit Interrupt Flag
TXIF
Error Interrupt Pending
EPND
Power Bridge Short Circuit
Bridge Control
Status
SC
I2
FFF6h-FFF7h
Overtemperature
OVT
Output Compare 1
Timer 1 Status
OCF1_1
I3
FFF4h-FFF5h
Output Compare 2
OCF2_1
Input Capture 1
Timer 1 Status
ICF1_1
I4
FFF2h-FFF3h
Input Capture 2
ICF2_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com