Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST619
Description  DC-DC CONVERTER REGULATED 5V CHARGE PUMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619 Datasheet(HTML) 3 Page - STMicroelectronics

  ST619 Datasheet HTML 1Page - STMicroelectronics ST619 Datasheet HTML 2Page - STMicroelectronics ST619 Datasheet HTML 3Page - STMicroelectronics ST619 Datasheet HTML 4Page - STMicroelectronics ST619 Datasheet HTML 5Page - STMicroelectronics ST619 Datasheet HTML 6Page - STMicroelectronics ST619 Datasheet HTML 7Page - STMicroelectronics ST619 Datasheet HTML 8Page - STMicroelectronics ST619 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ST619LB SERIES
3/9
CONNECTION DIAGRAM (top view)
ORDERING CODES
PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS (VI=2 to 3.6V, C1 = C2 =0.22µF, C3 = C4 =10µF, TA = -40 to 85°C,
unless otherwise specified. Typical value are referred at TA = 25°C)
Note: Do not overload or short the Output to Ground. If the above conditions are not observed the device may be damaged.
TYPE
DIP-8
SO-8
SO-8 (T&R)
ST619LB
ST619LBN
ST619LBD
ST619LBDR
Pin N° Symbol
Name and Function
1
C1+
Positive terminal for the first charge
pump capacitor
2
IN
Input supply voltage
3
OUT
5V output voltage. VO=0V when in
shutdown mode.
4
C2+
Positive terminal for the second
charge pump capacitor
5
C2-
Negative terminal for the second
charge pump capacitor
6
GND
Ground
7
SHDN
Active high C-MOS logic level
shutdown input. SHDN is connected
to GND for normal operation.
8
C1-
Negative terminal for the first charge
pump capacitor
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Input Voltage
2
3.6
V
VO
Output Voltage
VI = 2 to 3.6V
IO =0 to 20mA
VI = 3 to 3.6V
IO =0 to 30mA
4.8
4.8
5
5
5.2
5.2
V
V
VRIPPLE Output Voltage Ripple
No load, Full Load
100
mV
Ii
No Load Supply Current
VI = 2 to 3V
No Load
VI = 3 to 3.6V
No Load
200
75
300
150
µA
µA
ISHDN
Shutdown Supply Current
VI = 2 to 3.6V
No Load
VSHDN = VI
0.02
1
µA
ν
Efficency
VI = 3V
IO =20mA
VI = 3V
IO =30mA
VI = 2V
IO =20mA
82
82
80
%
%
%
fOSC
Switching Frequency
Full Load
500
KHz
VIH
SHDN Input Threshold
0.7VI
V
VIL
SHDN Input Threshold
0.4
V
IIH
SHDN Input Current
VSHDN = VI
0.005
± 1
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com