Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST619
Description  DC-DC CONVERTER REGULATED 5V CHARGE PUMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619 Datasheet(HTML) 1 Page - STMicroelectronics

  ST619 Datasheet HTML 1Page - STMicroelectronics ST619 Datasheet HTML 2Page - STMicroelectronics ST619 Datasheet HTML 3Page - STMicroelectronics ST619 Datasheet HTML 4Page - STMicroelectronics ST619 Datasheet HTML 5Page - STMicroelectronics ST619 Datasheet HTML 6Page - STMicroelectronics ST619 Datasheet HTML 7Page - STMicroelectronics ST619 Datasheet HTML 8Page - STMicroelectronics ST619 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2001
s
REGULATED 5V
±4% CHARGE PUMP
s
OUTPUT CURRENT GUARANTEED OVER
TEMPERATURE : 20mA (VI ≥ 2V ),
30mA (VI ≥ 3V )
s
NO INDUCTORS; VERY LOW EMI NOISE
s
USES SMALL, INEXPENSIVE CAPACITORS
s
LOGIC CONTROLLED 1
µA MAX
SHUT-DOWN SUPPLY CURRENT
s
SHUT DOWN DISCONNECTS LOAD FROM
INPUT
s
AVAILABLE IN SO-8 AND DIP-8 PACKAGES
DESCRIPTION
The ST619LB is a step-up charge pump DC-DC
converter which delivers a regulated 5V
±4%
output at 30mA and over temperature. The input
voltage range is 2V to 3.6V (two battery cells).
It requires only four external capacitor: two 0.22
µF
flying capacitors, and 10
µF capacitors at the input
and output.
Low operating supply current (typ 200
µA) make
the device ideal for small, portable and battery
powered applications. When shut down the load
is disconnected from the input and the supply
current is typically 0.02
µA. The ST619LB is
available in SO-8 and DIP-8 packages.
ST619LB
SERIES
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
SCHEMATIC DIAGRAM
DIP-8
SO-8


Similar Part No. - ST619

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LB STMICROELECTRONICS-ST619LB Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
More results

Similar Description - ST619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com