Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201L Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6201L
Description  LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6201L Datasheet HTML 2Page - STMicroelectronics ST6201L Datasheet HTML 3Page - STMicroelectronics ST6201L Datasheet HTML 4Page - STMicroelectronics ST6201L Datasheet HTML 5Page - STMicroelectronics ST6201L Datasheet HTML 6Page - STMicroelectronics ST6201L Datasheet HTML 7Page - STMicroelectronics ST6201L Datasheet HTML 8Page - STMicroelectronics ST6201L Datasheet HTML 9Page - STMicroelectronics ST6201L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
ST6200L/01L/03L
2.3 DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70°C unless otherwise specified)
Notes:
(1) Hysteresis voltage between switching levels
(2) All peripherals running
(3) All peripherals in stand-by
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All Input pins
VDD x 0.2
V
VIH
Input High Level Voltage
All Input pins
VDD x 0.8
V
VHys
Hysteresis Voltage (1)
All Input pins
VDD= 3V
0.2
V
VOL
Low Level Output Voltage
All Output pins
VDD= 3.0V; IOL = +10µA
VDD= 3.0V; IOL = + 3.0mA
VDD= 2.4V; IOL = + 1.5mA
0.1
0.8
0.8
V
Low Level Output Voltage
20 mA Sink I/O pins
VDD= 3.0V; IOL = +10µA
VDD= 3.0V; IOL = + 8mA
VDD= 3.0V; IOL = +12mA
VDD= 2.4V; IOL = + 5mA
0.1
0.8
1.3
0.8
VOH
High Level Output Voltage
All Output pins
VDD= 3.0V; IOH = -10µA
VDD= 3.0V; IOH = -1.5mA
VDD= 2.4V; IOH = -10µA
2.9
2.0
2.3
V
RPU
Pull-up Resistance
All Input pins
100
250
600
ΚΩ
RESET pin
400
600
1200
IIL
IIH
Input Leakage Current
All Input pins but RESET
VIN =VSS (No Pull-Up configured)
VIN =VDD
0.1
1.0
µA
Input Leakage Current
RESET pin
VIN =VSS
VIN =VDD
-8
-16
-30
10
IDD
Supply Current in RESET
Mode
VRESET=VSS
fOSC=4MHz
1.5
mA
Supply Current in
RUN Mode (2)
VDD=3.0V fINT=4MHz
1.5
mA
Supply Current in WAIT
Mode (3)
VDD=3.0V fINT=4MHz
0.5
mA
Supply Current in STOP
Mode(3)
ILOAD=0mA
VDD=3.0V
2
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com