Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201L Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST6201L
Description  LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST6201L Datasheet HTML 2Page - STMicroelectronics ST6201L Datasheet HTML 3Page - STMicroelectronics ST6201L Datasheet HTML 4Page - STMicroelectronics ST6201L Datasheet HTML 5Page - STMicroelectronics ST6201L Datasheet HTML 6Page - STMicroelectronics ST6201L Datasheet HTML 7Page - STMicroelectronics ST6201L Datasheet HTML 8Page - STMicroelectronics ST6201L Datasheet HTML 9Page - STMicroelectronics ST6201L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
ST6200L/01L/03L
2.2 RECOMMENDED OPERATING CONDITIONS
Notes:
1. Care must be taken in case of negative current injection, where adapted impedance must be respected on analog sources to not affect the
A/D conversion. For a -1mA injection, a maximum 10 K
Ω is recommended.
2.An oscillator frequency above 1MHz is recommended for reliable A/D results
Figure 3. Maximum Operating FREQUENCY (Fmax) Versus SUPPLY VOLTAGE (V
DD)
The shaded area is outside the recommended operating range; device functionality is not guaranteed under these conditions.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
T
A
Operating Temperature
1 Suffix Version
070
°C
VDD
Operating Supply Voltage
fOSC = 2MHz
fOSC = 4MHz
2.4
3
3.9
3.9
V
fOSC
Oscillator Frequency2)
VDD = 2.4V
VDD = 3.0V
0
0
2.0
4.0
MHz
I
INJ+
Pin Injection Current (positive)
V
DD = 2.4 to 3.9V
+5
mA
I
INJ-
Pin Injection Current (negative) V
DD = 2.4 to 3.9V
-5
mA
4.0
3.5
3.0
2.5
2.0
1.5
1
0.5
2.1
2.4
2.7
3.3
3.6
3.9
SUPPLY VOLTAGE (V
DD)
Maximum FREQU ENCY (MHz)
FUNCTION ALITY IS NOT
GUARA NTEED IN
THIS AREA
3.0
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com