Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208L Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6208L
Description  LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6208L Datasheet HTML 2Page - STMicroelectronics ST6208L Datasheet HTML 3Page - STMicroelectronics ST6208L Datasheet HTML 4Page - STMicroelectronics ST6208L Datasheet HTML 5Page - STMicroelectronics ST6208L Datasheet HTML 6Page - STMicroelectronics ST6208L Datasheet HTML 7Page - STMicroelectronics ST6208L Datasheet HTML 8Page - STMicroelectronics ST6208L Datasheet HTML 9Page - STMicroelectronics ST6208L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
ST6208L/09L ST6210L/20L
DC ELECTRICAL CHARACTERISTICS(Cont’d)
2.4 AC ELECTRICAL CHARACTERISTICS
((TA =0 to +70°C unless otherwise specified
Notes:
1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up.
2 An oscillator frequency above 1MHz is recommended for reliable A/D results.
3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tREC
Supply Recovery Time (1)
100
ms
fRC
Internal frequency with RC
oscillator2) 3)
VDD=3.0V
R=47k
Ω
R=100k
Ω
R=470k
Ω
2.5
1.4
450
3
1.7
520
3.5
2.1
600
MHz
MHz
kHz
CIN
Input Capacitance
All Inputs Pins
10
pF
COUT
Output Capacitance
All Outputs Pins
10
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com