Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208L Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST6208L
Description  LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST6208L Datasheet HTML 2Page - STMicroelectronics ST6208L Datasheet HTML 3Page - STMicroelectronics ST6208L Datasheet HTML 4Page - STMicroelectronics ST6208L Datasheet HTML 5Page - STMicroelectronics ST6208L Datasheet HTML 6Page - STMicroelectronics ST6208L Datasheet HTML 7Page - STMicroelectronics ST6208L Datasheet HTML 8Page - STMicroelectronics ST6208L Datasheet HTML 9Page - STMicroelectronics ST6208L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
ST6208L/09L ST6210L/20L
2.5 A/D CONVERTER CHARACTERISTICS
(TA = 0 to +70°C unless otherwise specified)
Notes:
1.
Noise at VDD, VSS <10mV
2.
Wit h oscillator frequencies less than 1MHz, the A/D Converter accuracy is decreased.
2.6 TIMER CHARACTERISTICS
((TA =0 to +70°C unless otherwise specified)
.
Symbol
Parameter
Test Condit ions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
ATOT
Total Accuracy (1) (2)
fOSC > 1.2MHz, VDD=3.0V
fOSC > 1.2MHz, VDD=2.4V
fOSC > 32kHz, VDD=3.0V
±25
±35
±50
mV
tC
Conversion Time
fOSC = 2MHz
fOSC = 4 MHz
280
140
µs
ZIR
Zero Input Reading
Conversion result when
VIN =VSS
00
Hex
FSR
Full Scale Reading
Conversion result when
VIN =VDD
FF
Hex
ADI
Analog Input Current During
Conversion
VDD= 4.0V
1.0
µA
ACIN
Analog Input Capacitance
2
5
pF
Symbol
Parameter
Test Condi tions
Value
Unit
Min.
Typ.
Max.
fIN
Input Frequency on TIMER Pin
MHz
tW
Pulse Width at TIMER Pin
VDD = 2.4V
250
ns
fINT
4
----------
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com