Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFAX3X Datasheet(PDF) 64 Page - STMicroelectronics

Part # STR91XFAX3X
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX3X Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STR91XFAX3X Datasheet HTML 60Page - STMicroelectronics STR91XFAX3X Datasheet HTML 61Page - STMicroelectronics STR91XFAX3X Datasheet HTML 62Page - STMicroelectronics STR91XFAX3X Datasheet HTML 63Page - STMicroelectronics STR91XFAX3X Datasheet HTML 64Page - STMicroelectronics STR91XFAX3X Datasheet HTML 65Page - STMicroelectronics STR91XFAX3X Datasheet HTML 66Page - STMicroelectronics STR91XFAX3X Datasheet HTML 67Page - STMicroelectronics STR91XFAX3X Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Electrical characteristics
STR91xFAx3x, STR91xFAx4x
64/101
Figure 15.
Sleep mode current vs temperature with LVD on
7.6.1
Typical power consumption for frequencies below 10 MHz
The following conditions apply to Table 16:
●
Program is executed from Flash. The program consists of an infinite loop.
●
A standard crystal source is used.
●
The PLL is off.
●
All clock dividers are with their default values.
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
20
40
60
80
100
120
-20
-40
TEMP [°C]
VDD = 1.8 V
VDD = 2.0 V
Table 16.
Typical current consumption at 25°C
Symbol
Parameter
Test conditions
Typical current
on VDD (1.8 V)
Unit
IDDRUN
Run mode
current
All
peripherals
ON
fMSTR=fOSC=fPCLK=fHCLK=1 MHz
2.88
mA
fMSTR=fOSC=fPCLK=fHCLK=2 MHz
5.8
fMSTR=fOSC=fPCLK=fHCLK=4 MHz
10.91
fMSTR=fOSC=fPCLK=fHCLK=6 MHz
15.97
fMSTR=fOSC=fPCLK=fHCLK=8 MHz
20.68
fMSTR=fOSC=fPCLK=fHCLK=10 MHz
25.13
All
peripherals
OFF
fMSTR=fOSC=fPCLK=fHCLK=1 MHz
1.8
fMSTR=fOSC=fPCLK=fHCLK=2 MHz
3.62
fMSTR=fOSC=fPCLK=fHCLK=4 MHz
6.71
fMSTR=fOSC=fPCLK=fHCLK=6 MHz
9.81
fMSTR=fOSC=fPCLK=fHCLK=8 MHz
12.63
fMSTR=fOSC=fPCLK=fHCLK=10 MHz
15.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com