Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFAX3X Datasheet(PDF) 65 Page - STMicroelectronics

Part # STR91XFAX3X
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX3X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STR91XFAX3X Datasheet HTML 61Page - STMicroelectronics STR91XFAX3X Datasheet HTML 62Page - STMicroelectronics STR91XFAX3X Datasheet HTML 63Page - STMicroelectronics STR91XFAX3X Datasheet HTML 64Page - STMicroelectronics STR91XFAX3X Datasheet HTML 65Page - STMicroelectronics STR91XFAX3X Datasheet HTML 66Page - STMicroelectronics STR91XFAX3X Datasheet HTML 67Page - STMicroelectronics STR91XFAX3X Datasheet HTML 68Page - STMicroelectronics STR91XFAX3X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
STR91xFAx3x, STR91xFAx4x
Electrical characteristics
65/101
7.7
Clock and timing characteristics
Table 17.
Internal clock frequencies
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fMSTR
CCU Master Clock
32.768
fCPUCLKmax
kHz
fCPUCLK
CPU Core Frequency
Executing from SRAM
96
MHz
Flash size
≤ 512 KB
Executing from Flash
96
MHz
Flash size
= 1 MB / 2
MB, executing from
SRAM or Flash (except
RWW)
VDD ≥ 1.75 V
96
MHz
Flash size
= 1 MB / 2
MB, executing from
SRAM or Flash (except
RWW)
VDD ≥ 1.65 V
85
MHz
Flash size
= 1 MB / 2
MB, Flash read while
write (RWW),
VDD ≥ 1.75 V
(1)
85
MHz
Flash size
= 1 MB / 2
MB, Flash read while
write (RWW),
1.65 < VDD < 1.75 V
(1)
75
MHz
fPCLK
Peripheral Clock for APB
48
MHz
fHCLK
Peripheral Clock for AHB
fCPUCLKmax
MHz
fOSC
Clock Input
4
25
MHz
fFMICLK
FMI Flash Bus clock
(internal clock)
fCPUCLKmax
MHz
fBCLK
External Memory Bus clock
fCPUCLKmax
MHz
fRTC
RTC Clock
32.768
kHz
fEMAC
EMAC PHY Clock
25
MHz
fUSB
USB Clock
48
MHz
fTIMCLKEXT Timer External Clock
0
fPCLKmax/4
= 12
MHz
fTIMCLK
Timer Clock when Internal
Clock (PCLK) is selected
0
fPCLKmax
= 48
MHz
1.
To avoid the speed restriction on RWW, the Flash write erase routines can be executed from SRAM, at up to 85 or 96
MHz, depending on VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com