Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFAX4X Datasheet(PDF) 55 Page - STMicroelectronics

Part # STR91XFAX4X
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX4X Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STR91XFAX4X Datasheet HTML 51Page - STMicroelectronics STR91XFAX4X Datasheet HTML 52Page - STMicroelectronics STR91XFAX4X Datasheet HTML 53Page - STMicroelectronics STR91XFAX4X Datasheet HTML 54Page - STMicroelectronics STR91XFAX4X Datasheet HTML 55Page - STMicroelectronics STR91XFAX4X Datasheet HTML 56Page - STMicroelectronics STR91XFAX4X Datasheet HTML 57Page - STMicroelectronics STR91XFAX4X Datasheet HTML 58Page - STMicroelectronics STR91XFAX4X Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
STR91xFAx3x, STR91xFAx4x
Memory mapping
55/101
6.5
STR91xFA memory map
The memory map is shown in Figure 9: STR91xFA memory map on page 56:
●
Either of the two Flash memories may be placed at CPU boot address 0x0000.0000.
By default, the primary Flash memory is in boot position starting at CPU address
0x0000.0000 and the secondary Flash memory may be placed at a higher address
following the end of the primary Flash memory. This default option may be changed
using the STR91xx device configuration software, placing the secondary Flash memory
at CPU boot location 0x0000.0000, and then the primary Flash memory may be placed
at a higher address.
●
The local SRAM (64KB or 96KB) is aliased in three address windows. A) At
0x0400.0000 the SRAM is accessible through the CPU’s D-TCM, at 0x4000.0000 the
SRAM is accessible through the CPU’s AHB in buffered accesses, and at 0x5000.0000
the SRAM is accessible through the CPU’s AHB in non-buffered accesses. An AHB bus
master other than the CPU can access SRAM in all three aliased windows, but these
accesses are always non-buffered. The CPU is the only AHB master that can
performed buffered writes.
●
APB peripherals reside in two AHB-to-APB peripheral bridge address windows, APB0
and APB1. These peripherals are accessible with buffered AHB access if the CPU
addresses them in the address range of 0x4800.0000 to 0x4FFF.FFFF, and non-
buffered access in the address range of 0x5800.0000 to 0x5FFF.FFFF.
●
Individual peripherals on the APB are accessed at the listed address offset plus the
base address of the appropriate AHB-to-APB bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com