Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFAX4X Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR91XFAX4X
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX4X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR91XFAX4X Datasheet HTML 14Page - STMicroelectronics STR91XFAX4X Datasheet HTML 15Page - STMicroelectronics STR91XFAX4X Datasheet HTML 16Page - STMicroelectronics STR91XFAX4X Datasheet HTML 17Page - STMicroelectronics STR91XFAX4X Datasheet HTML 18Page - STMicroelectronics STR91XFAX4X Datasheet HTML 19Page - STMicroelectronics STR91XFAX4X Datasheet HTML 20Page - STMicroelectronics STR91XFAX4X Datasheet HTML 21Page - STMicroelectronics STR91XFAX4X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
Functional overview
STR91xFAx3x, STR91xFAx4x
18/101
3.9.2
IRQ handling
IRQ is a vectored interrupt and is the logical OR of all 32 interrupt request signals coming
into the 32 IRQ channels. Priority of individual vectored interrupt requests is determined by
hardware (IRQ channel Intr 0 is highest priority, IRQ channel Intr 31 is lowest).
However, inside the same VIC (primary or secondary VIC), CPU firmware may re-assign
individual interrupt sources to individual hardware IRQ channels, meaning that firmware can
effectively change interrupt priority levels as needed within the same VIC (from priority 0 to
priority 16).
Note:
VIC0 (primary VIC) interrupts always have higher priority than VIC1 (secondary VIC)
interrupts
When the IRQ signal is activated by an interrupt request, VIC hardware will resolve the IRQ
interrupt priority, then the ISR reads the VIC to determine both the interrupt source and the
vector address to jump to the service code.
The STR91xFA has a feature to reduce ISR response time for IRQ interrupts. Typically, it
requires two memory accesses to read the interrupt vector address from the VIC, but the
STR91xFA reduces this to a single access by adding a 16th entry in the instruction branch
cache, dedicated for interrupts. This 16th cache entry always holds the instruction that reads
the interrupt vector address from the VIC, eliminating one of the memory accesses typically
required in traditional ARM implementations.
3.9.3
Interrupt sources
The 32 interrupt request signals coming into the VIC on 32 IRQ channels are from various
sources; 5 from a wake-up unit and the remaining 27 come from internal sources on the
STR91xFA such as on-chip peripherals, see Table 6. Optionally, firmware may force an
interrupt on any IRQ channel.
One of the 5 interrupt requests generated by the wake-up unit (IRQ25 in Table 6) is derived
from the logical OR of all 32 inputs to the wake-up unit. Any of these 32 inputs may be used
to wake up the CPU and cause an interrupt. These 32 inputs consist of 30 external
interrupts on selected and enabled GPIO pins, plus the RTC interrupt, and the USB Resume
interrupt.
Each of 4 remaining interrupt requests generated by the wake-up unit (IRQ26 in Table 6) are
derived from groupings of 8 interrupt sources. One group is from GPIO pins P3.2 to P3.7
plus the RTC interrupt and the USB Resume interrupt; the next group is from pins P5.0 to
P5.7; the next group is from pins P6.0 to P6.7; and last the group is from pins P7.0 to P7.7.
This allows individual pins to be assigned directly to vectored IRQ interrupts or one pin
assigned directly to the non-vectored FIQ interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com