Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5113 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT5113
Description  100-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor CAT5113 Datasheet HTML 10Page - Catalyst Semiconductor CAT5113 Datasheet HTML 11Page - Catalyst Semiconductor CAT5113 Datasheet HTML 12Page - Catalyst Semiconductor CAT5113 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REVISION HISTORY
Date
Rev.
Reason
10/09/2003
M
Revised Features
Revised DC Electrical Characteristics
03/10/2004
N
Updated Potentiometer Parameters
03/29/2004
O
Changed Green Package marking for SOIC from W to V
04/02/2004
P
Add 1kΩ version to data sheet
04/08/2004
Q
Eliminated data sheet designation
Updated Tape and Reel specs in Ordering Information
01/25/2005
R
Updated Potentiometer Parameters
04/22/2006
S
Updated Example of Ordering Information
06/01/2007
T
Added Package Outline
Added MD- in front of Document No.
02/15/2008
U
Update Logic Inputs table
Update Application Information (Sensor Auto Referencing Circuit and Programmable
Current Source/Sink)
Update Package Outline Drawings
03/27/2008
V
Update Example of Ordering Information
Delete MSOP in NiPdAu plated finish
Add Top Mark Codes link
Catalyst Semiconductor, Inc.
Corporate Headquarters
2975 Stender Way
Santa Clara, CA 95054
Phone: 408.542.1000
Document No: MD-2009
Fax:
408.542.1200
Revision:
V
1Hwww.catsemi.com
Issue date:
03/27/08
Copyrights, Trademarks and Patents
© Catalyst Semiconductor, Inc.
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
Adaptive Analog™, Beyond Memory™, DPP™, EZDim™, LDD™, MiniPot™, Quad-Mode™ and Quantum Charge Programmable™
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where
personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled
"Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical
semiconductor applications and may not be complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com