Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5113 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5113
Description  100-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5113 Datasheet HTML 1Page - Catalyst Semiconductor CAT5113 Datasheet HTML 2Page - Catalyst Semiconductor CAT5113 Datasheet HTML 3Page - Catalyst Semiconductor CAT5113 Datasheet HTML 4Page - Catalyst Semiconductor CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT5113
Doc. No. MD-2009 Rev. V
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
PDIP 8-Lead (L)
SOIC 8 Lead (V)
MSOP 8 Lead (Z)
INC
¯¯¯ 1
8 VCC
U/D
¯ 2
7 CS
¯¯
RH 3
6 RL
GND 4
5 RWB
CAT
TSSOP 8 Lead (Y)
CS
¯¯ 1
8 RL
VCC 2
7 RWB
INC
¯¯¯ 3
6 GND
U/D
¯ 4
5 RH
CAT
PIN DESCRIPTIONS
Name Function
INC
¯¯¯
Increment Control
U/D
¯
Up/Down Control
RH
Potentiometer High Terminal
GND Ground
RW
Wiper Terminal
RL
Potentiometer Low Terminal
CS
¯¯
Chip Select
VCC Supply Voltage
PIN DESCRIPTION
INC
¯¯¯: Increment Control Input
The INC
¯¯¯ input moves the wiper in the up or down
direction determined by the condition of the U/D
¯ input.
U/D
¯: Up/Down Control Input
The U/D
¯ input controls the direction of the wiper
movement. When in a high state and CS
¯¯ is low, any
high-to-low transition on INC
¯¯¯ will cause the wiper to
move one increment toward the RH terminal. When in
a low state and CS
¯¯ is low, any high-to-low transition
on INC
¯¯¯ will cause the wiper to move one increment
towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential greater than the RL terminal. Voltage applied
to the RH terminal cannot exceed the supply voltage,
VCC or go below ground, GND.
RW: Wiper Potentiometer Terminal
RW is the wiper terminal of the potentiometer. Its
position on the resistor array is controlled by the
control inputs, INC
¯¯¯, U/D
¯ and CS
¯¯ . Voltage applied to
the RW terminal cannot exceed the supply voltage,
VCC or go below ground, GND.
RL: Low End Potentiometer Terminal
RL is the low end terminal of the potentiometer. It is
not required that this terminal be connected to a
potential less than the RH terminal. Voltage applied to
the RL terminal cannot exceed the supply voltage, VCC
or go below ground, GND. RL and RH are electrically
interchangeable.
CS
¯¯ : Chip Select
The chip select input is used to activate the control
input of the CAT5113 and is active low. When in a
high state, activity on the INC
¯¯¯ and U/D
¯ inputs will not
affect or change the position of the wiper.
DEVICE OPERATION
The CAT5113 operates like a digitally controlled
potentiometer with RH and RL equivalent to the high
and low terminals and RW equivalent to the mecha–
nical potentiometer's wiper. There are 100 available
tap positions including the resistor end points, RH and
RL. There are 99 resistor elements connected in
series between the RH and RL terminals. The wiper
terminal is connected to one of the 100 taps and
controlled by three inputs, INC
¯¯¯, U/D
¯ and CS
¯¯ . These
inputs control a seven-bit up/down counter whose
output is decoded to select the wiper position. The
selected wiper position can be stored in non-volatile
memory using the INC
¯¯¯ and CS
¯¯ inputs.
With CS
¯¯ set LOW the CAT5113 is selected and will
respond to the U/D
¯ and INC
¯¯¯ inputs. HIGH to LOW
transitions on INC
¯¯¯ wil increment or decrement the
wiper (depending on the state of the U/D
¯ input and
seven-bit counter). The wiper, when at either fixed
terminal, acts like its mechanical equivalent and does
not move beyond the last position. The value of the
counter is stored in nonvolatile memory whenever CS
¯¯
transitions HIGH while the INC
¯¯¯ input is also HIGH.
When the CAT5113 is powered-down, the last stored
wiper counter position is maintained in the nonvolatile
memory. When power is restored, the contents of the
memory are recalled and the counter is set to the
value stored.
With INC
¯¯¯ set low, the CAT5113 may be de-selected
and powered down without storing the current wiper
position in nonvolatile memory. This allows the system
to always power up to a preset value stored in non-
volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com