Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5251 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5251
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5251 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5251 Datasheet HTML 1Page - Catalyst Semiconductor CAT5251 Datasheet HTML 2Page - Catalyst Semiconductor CAT5251 Datasheet HTML 3Page - Catalyst Semiconductor CAT5251 Datasheet HTML 4Page - Catalyst Semiconductor CAT5251 Datasheet HTML 5Page - Catalyst Semiconductor CAT5251 Datasheet HTML 6Page - Catalyst Semiconductor CAT5251 Datasheet HTML 7Page - Catalyst Semiconductor CAT5251 Datasheet HTML 8Page - Catalyst Semiconductor CAT5251 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT5251
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
Quad Digitally Programmable Potentiometer (DPP™) with
256 Taps and SPI Interface
FEATURES
Four linear-taper digitally programmable
potentiometers
254 resistor taps per potentiometer
End to end resistance 50kΩ or 100kΩ
Potentiometer control and memory access via
SPI interface
Low wiper resistance, typically 100Ω
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
SOIC 24-lead and TSSOP 24-lead
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC 24-Lead (W)
TSSOP 24-Lead (Y)
SO
1
24 HOLD
¯¯¯¯¯
A0
2
23 SCK
RW3
3
22 RL2
RH3
4
21 RH2
RL3
5
20 RW2
NC
6
19 NC
VCC
7
18 GND
RLO
8
17 RW1
RHO
9
16 RH1
RWO 10
15 RL1
CS
¯¯¯ 11
14 A1
WP
¯¯¯ 12
13 SI
CAT
5251
DESCRIPTION
The
CAT5251
is
four
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists
of a series of resistive elements connected between
two externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DPP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register.
The CAT5251 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40°C to 85°C
industrial operating temperature range and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A0
A1
WP
HOLD
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
RW2
RH2
RL2
RW3
RH3
RL3
SCK
SI
CS
SO


Similar Part No. - CAT5251

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
CAT5251 CATALYST-CAT5251 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT5251 ONSEMI-CAT5251 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT5251JI-00TE13 CATALYST-CAT5251JI-00TE13 Datasheet
95Kb / 15P
Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
More results

Similar Description - CAT5251

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com