Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXHV1003 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXHV1003
Description  VCO - Voltage Controlled Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXHV1003 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXHV1003 Datasheet HTML 1Page - Advanced XTAL Products AXHV1003 Datasheet HTML 2Page - Advanced XTAL Products AXHV1003 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXHV1003
www.axtal.com
Wasemweg 5
page
1(3)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXHV1003
Issue: 01
Date: 2005-12-08
Oscillator type :
VCO – Voltage Controlled Oscillator
Parameter
min.
typ.
max.
Unit
Condition
Frequency tuning range
1700
2700
MHz
@ 25°C
Frequency adjustment range
EFC voltage VC
0.2
15
V
EFC slope (
∆f / ∆V
C)
positive
RF output
Signal waveform
SINUS
Amplitude
+5.5
6
+7
dBm
RL = 50 Ω
Phase Noise
-93
dBc/Hz
@ 100 kHz
Supply voltage VS
4.75
5
5.25
V
Current consumption (steady state)
20
mA
Operating temperature range
-10
+60
°C
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
LxWxH
12.7 x 12.7 x 6.1
mm
Weight
5
gram
Packing
bulk
IEC 60286-3
ESD Sensitivity
1500
V
HBM, IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Frequency Range [MHz]
AXHV1003
1700-2700


Similar Part No. - AXHV1003

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXHV1001 AXTAL-AXHV1001 Datasheet
92Kb / 3P
VCO - Voltage Controlled Oscillator
2005-12-08
AXHV1002 AXTAL-AXHV1002 Datasheet
93Kb / 3P
VCO - Voltage Controlled Oscillator
2005-12-08
AXHV1004 AXTAL-AXHV1004 Datasheet
91Kb / 3P
VCO - Voltage Controlled Oscillator
2005-12-08
AXHV1005 AXTAL-AXHV1005 Datasheet
74Kb / 3P
VCO - Voltage Controlled Oscillator
2005-12-08
AXHV1006 AXTAL-AXHV1006 Datasheet
74Kb / 3P
VCO - Voltage Controlled Oscillator
2005-12-08
More results

Similar Description - AXHV1003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVCO55CW-0250-0450 ETC-CVCO55CW-0250-0450 Datasheet
176Kb / 2P
Voltage Controlled Oscillator-VCO
logo
CRYSTEK CORPORATION
CRBV33BE-1823-1903 CRYSTEKMICROWAVE-CRBV33BE-1823-1903 Datasheet
60Kb / 2P
VCO (voltage controlled oscillator).
CRBV33CL-0435-0470 CRYSTEKMICROWAVE-CRBV33CL-0435-0470 Datasheet
58Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1350-1400 CRYSTEKMICROWAVE-CRBV55BE-1350-1400 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1530-2900 CRYSTEKMICROWAVE-CRBV55BE-1530-2900 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CVCO55BH-5840-6040 CRYSTEKMICROWAVE-CVCO55BH-5840-6040 Datasheet
167Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-2837-2967 CRYSTEKMICROWAVE-CVCO55CC-2837-2967 Datasheet
159Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3000-3000 CRYSTEKMICROWAVE-CVCO55CC-3000-3000 Datasheet
193Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3237-3385 CRYSTEKMICROWAVE-CVCO55CC-3237-3385 Datasheet
227Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO33CC-4000-4000 CRYSTEKMICROWAVE-CVCO33CC-4000-4000 Datasheet
160Kb / 1P
Voltage Controlled Oscillator-VCO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com