Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXHV1003 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXHV1003
Description  VCO - Voltage Controlled Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXHV1003 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXHV1003 Datasheet HTML 1Page - Advanced XTAL Products AXHV1003 Datasheet HTML 2Page - Advanced XTAL Products AXHV1003 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXHV1003
www.axtal.com
Wasemweg 5
page
2(3)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Pin connections
Pin #
Symbol
Function
P1
VC
Control Voltage (EFC)
P2
RF OUT RF Output
P3
VS
Supply Voltage
P4
N.C.
Not Connected
All
others
GND
Ground
Typical Performance
1.5
2
2.5
3
0246
8
10
12
14
16
HV 1003
VCO 1.7 - 2.7 GHz
5V/19mA
fres/GHz
Vtune/V
Phase Noise: -93dBc/Hz in 100kHz, Vtune = 1V
Phase Noise: -103dBc/Hz in 100kHz, Vtune = 15V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com