Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T42B Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST62T42B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T42B Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST62T42B Datasheet HTML 46Page - STMicroelectronics ST62T42B Datasheet HTML 47Page - STMicroelectronics ST62T42B Datasheet HTML 48Page - STMicroelectronics ST62T42B Datasheet HTML 49Page - STMicroelectronics ST62T42B Datasheet HTML 50Page - STMicroelectronics ST62T42B Datasheet HTML 51Page - STMicroelectronics ST62T42B Datasheet HTML 52Page - STMicroelectronics ST62T42B Datasheet HTML 53Page - STMicroelectronics ST62T42B Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50/68
ST62T42B/E42B
LCD CONTROLLER-DRIVER (Continued)
5.4.4 Stand by or STOP operation mode
No clock from the main oscillator is available in
STOP mode for the LCD controller, and the con-
troller is switched off when the STOP instruction is
executed. All segment and common lines are then
switched to ground to avoid any DC biasing of the
LCD elements.
5.4.5 LCD Mode Control Register (LCDCR)
Address: DCh - Read/Write
Bits 7-6 = DS0, DS1.
Multiplexing ratio select bits.
These bits select the number of common back-
planes used by the LCD control.
Bits 5-3 = HF0, HF1, HF2.
Oscillator select bits.
These bits allow the LCD controller to be supplied
with the correct frequency when different high
main oscillator frequencies are selected as system
clock. Table 18 shows the set-up for different clock
crystals.
Bits 2-0 = LF0, LF1, LF2.
Base frame frequency
select bits. These bits control the LCD base oper-
ational frequency of the LCD common lines.
LF0, LF1, LF2 define the 32KHz division factor as
shown in Table 21.
Table 21. 32KHz Division Factor for Base
Frequency Selection
70
DS1
DS0
HF2
HF1
HF0
LF2
LF1
LF0
LF2
LF1
LF0
32KHz Division Factor
000
512
001
386
010
256
011
192
100
128
101
96
110
64
1
1
1
Reserved
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com