Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T42B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T42B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T42B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T42B Datasheet HTML 2Page - STMicroelectronics ST62T42B Datasheet HTML 3Page - STMicroelectronics ST62T42B Datasheet HTML 4Page - STMicroelectronics ST62T42B Datasheet HTML 5Page - STMicroelectronics ST62T42B Datasheet HTML 6Page - STMicroelectronics ST62T42B Datasheet HTML 7Page - STMicroelectronics ST62T42B Datasheet HTML 8Page - STMicroelectronics ST62T42B Datasheet HTML 9Page - STMicroelectronics ST62T42B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6/68
ST62T42B/E42B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes, mul-
tiple code versions or last minute programmability
are required.
These compact low-cost devices feature two Tim-
ers comprising an 8-bit counter and a 7-bit pro-
grammable prescaler, EEPROM data capability, a
serial synchronous port interface (SPI), an 8-bit
A/D Converter with 6 analog inputs, a Digital
Watchdog timer, and a complete LCD controller
driver, making them well suited for a wide range of
automotive, appliance and industrial applications.
Figure 2. 64 Pin QFP Package
Table 1. ST6242 Pin Description
*Note: 20mA Sink
VR01649B
64
12 3
49
16
17
32
33
48
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
1
S45
17
VDD
33
S13
49
S29
2
S46
18
VSS
34
S14
50
S30
3
S47
19
RESET
35
S15
51
S31
4
S48
20
OSCout
36
S16
52
S32
5
COM4
21
OSCin
37
S17
53
PC0/S33
6
COM3
22
NMI
38
S18
54
PC1/S34
7
COM2
23
PB7/ Sout *
39
S19
55
PC2/S35
8
COM1
24
PB6/ Sin*
40
S20
56
PC3/S36
9
VLCD1/ 3
25
PB5/ SCL *
41
S21
57
PC4/S37
10
VLCD2/ 3
26
PB4 *
42
S22
58
PC5/S38
11
VLCD
27
PB3/ Ain
43
S23
59
PC6/S39
12
PA7/ Ain
28
PB2/ Ain
44
S24
60
PC7/S40
13
PA6/ Ain
29
S9
45
S25
61
S41
14
PA5/ Ain
30
S10
46
S26
62
S42
15
PA4/ Ain
31
S11
47
S27
63
S43
16
TEST
32
S12
48
S28
64
S44
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com