Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400F2B6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST52T400F2B6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F2B6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST52T400F2B6 Datasheet HTML 70Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 71Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 72Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 73Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 74Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 75Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 76Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 77Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
ST52T400/T440/E440/T441
74/94
11.3 Recommended Operating Condition
Operating condition: VDD=5V
±10%; TA=0/125°C (unless otherwise specified).
Notes:
1. It is reccomendend to insert a capacitor beetwen VDD and VSS for improving noise rejection. Rec-
comended values are 10
µF (electrolytic or tantalum) and/or 100 nF (ceramic).
2. A lower VDD decreasing fosc (see Figure 11.3). Data illustrated in the figure are characterized but not
tested.
Figure 11.3 fosc Maximum Operating Frequency versus VDD supply (*)
(*) Only digital parts of the device: the Analog Comparator cannot work with supply voltage lower
than 4.5 V.
Table 11.4 Recommended Operating Conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
VDD
2)
Operating Supply
Refer to Figure 11.3
2.7
5.5
V
VPP
Programming Voltage
11.4
12
12.6
VO
Output Voltage
VSS
VDD
VSSA
Analog Ground
VSS-0.3
VSS
VSS+0.3
fOSC
1)2)
Oscillator Frequency
1
20
MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
16
18
20
Functionality not guaranteed in this area
Functionality not guaranteed in this area
Functionality guaranteed in this area
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com