Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400F2B6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST52T400F2B6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F2B6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST52T400F2B6 Datasheet HTML 73Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 74Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 75Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 76Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 77Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 78Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 79Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 80Page - STMicroelectronics ST52T400F2B6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
ST52T400/T440/E440/T441
77/94
11.6 Clock and Timing Characteristics
Operating Conditions: VDD=5V
±5%, TA=0/125
°C, unless otherwise specified
Figure 11.7 I/O Rise and Fall Timing
Table 11.8 General Timing Parameters
Symbol
Parameters
Test Condition
Min
Typ.
Max
Unit
fosc
Oscillator Frequency
1
20
MHz
tCLH
Clock High
25
250
nS
tCLL
Clock Low
25
250
tSET
Setup
See Fig. 11.6
5
tHLD
Hold
See Fig. 11.6
5
tWRESET
Minimum Reset Pulse
fosc=20MHz
100
tWINT
Minimum External
fosc=20MHz
100
tIR
Input Rise Time
See Fig. 11.7
15
tIF
Input Fall Time
See Fig. 11.7
15
tOR
Output Rise Time
CLOAD=10pF
10
tOF
Output Fall
CLOAD=10pF
10
Figure 11.6 Data Input Timing
tCLL tCLH
50%
50%
50%
tSET
tHLD
Clock
Data
CP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com