Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53B Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST62T53B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53B Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST62T53B Datasheet HTML 62Page - STMicroelectronics ST62T53B Datasheet HTML 63Page - STMicroelectronics ST62T53B Datasheet HTML 64Page - STMicroelectronics ST62T53B Datasheet HTML 65Page - STMicroelectronics ST62T53B Datasheet HTML 66Page - STMicroelectronics ST62T53B Datasheet HTML 67Page - STMicroelectronics ST62T53B Datasheet HTML 68Page - STMicroelectronics ST62T53B Datasheet HTML 69Page - STMicroelectronics ST62T53B Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
66/75
ST62T53B/T60B/T63B ST62E60B
PACKAGE MECHANICAL DATA (Cont’d)
Figure 35. 20-Pin Ceramic Dual In Line Package, 300-mil Width
7.2 ORDERING INFORMATION
Table 25. OTP/EPROM VERSION ORDERING INFORMATION
Sales Type
Program
Memory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62T53BB6
ST62T53BB3
1836 (OTP)
-
-40 to + 85
°C
-40 to + 125
°C
PDIP20
ST62T53BM6
ST62T53BM3
-40 to + 85
°C
-40 to + 125
°C
PSO20
ST62T60BB6
ST62T60BB3
3884 (OTP)
128
-40 to + 85
°C
-40 to + 125
°C
PDIP20
ST62T60BM6
ST62T60BM3
-40 to + 85
°C
-40 to + 125
°C
PSO20
ST62T63BB6
1836 (OTP)
64
-40 to + 85
°C
PDIP20
ST62T63BM6
PSO20
ST62E60BF1
3884 (EPROM)
128
0 to +70
°C
CDIP20
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.093
0.104
A1
0.10
0.30 0.004
0.012
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
12.60
13.00 0.496
0.512
D1
-
-----
E
10.00
10.65 0.394
0.419
E1
7.40
7.60 0.291
0.299
E2
-
-----
e
1.27
0.050
h
0.25
0.75 0.010
0.030
L
0.40
1.27 0.016
0.050
∝
0
°
8
°
Number of Pins
N20
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com