Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53B Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST62T53B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST62T53B Datasheet HTML 10Page - STMicroelectronics ST62T53B Datasheet HTML 11Page - STMicroelectronics ST62T53B Datasheet HTML 12Page - STMicroelectronics ST62T53B Datasheet HTML 13Page - STMicroelectronics ST62T53B Datasheet HTML 14Page - STMicroelectronics ST62T53B Datasheet HTML 15Page - STMicroelectronics ST62T53B Datasheet HTML 16Page - STMicroelectronics ST62T53B Datasheet HTML 17Page - STMicroelectronics ST62T53B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
14/75
ST62T53B/T60B/T63B ST62E60B
1.4 PROGRAMMING MODES
1.4.1 Option Byte
The Option Byte allows configuration capability to
the MCUs. Option byte’s content is automatically
read, and the selected options enabled, when the
chip reset is activated.
It can only be accessed during the programming
mode. This access is made either automatically
(copy from a master device) or by selecting the
OPTION BYTE PROGRAMMING mode of the pro-
grammer.
The option byte is located in a non-user map. No
address has to be specified.
EPROM Code Option Byte
PROTECT. This bit allows the protection of the
software contents against piracy. When the bit
PROTECT is set high, readout of the OTP con-
tents is prevented by hardware. No programming
equipment is able to gain access to the user pro-
gram. When this bit is low, the user program can
be read.
EXTCNTL. This bit selects the External STOP
Mode capability. When EXTCNTL is high, pin NMI
controls if the STOP mode can be accessed when
the watchdog is active. In addition, PB0 is forced
as open drain output. When EXTCNTL is low, the
STOP instruction is processed as a WAIT as soon
as the watchdog is active.
PB2-3 PULL. When set this bit removes pull-up at
reset on PB2-PB3 pins. When cleared PB2-PB3
pins have an internal pull-up resistor at reset.
PB0-1 PULL. When set this bit removes pull-up at
reset on PB0-PB1 pins. When cleared PB0-PB1
pins have an internal pull-up resistor at reset.
WDACT. This bit controls the watchdog activation.
When it is high, hardware activation is selected.
The software activation is selected when WDACT
is low.
DELAY. This bit enables the selection of the delay
internally generated after pin RESET is released.
When DELAY is low, the delay is 2048 cycles of
the oscillator, it is of 32768 cycles when DELAY is
high.
OSCIL. When this bit is low, the oscillator must be
controlled by a quartz crystal, a ceramic resonator
or an external frequency. When it is high, the oscil-
lator must be controlled by an RC network, with
only the resistor having to be externally provided.
D0. Reserved. Must be cleared to zero.
The Option byte is written during programming ei-
ther by using the PC menu (PC driven Mode) or
automatically (stand-alone mode)
1.4.2 Program Memory
EPROM/OTP programming mode is set by a
+12.5V voltage applied to the TEST/VPP pin. The
programming flow of the ST62E60B/T60B and
ST62T63B is described in the User Manual of the
EPROM Programming Board.
The
MCUs
can
be
programmed
with
the
ST62E6xB EPROM programming tools available
from SGS-THOMSON.
Table 5. ST62E60B/T60B Program Memory Map
Table 6. ST62T53B/T63B Program
Memory Map
Note: OTP/EPROM devices can be programmed
with
the
development
tools
available
from
SGS-THOMSON
(ST62E6X-EPB
or
ST626X-KIT).
1.4.3 EEPROM Data Memory (except ST62T53B)
EEPROM data pages are supplied in the virgin state
FFh. Partial or total programming of EEPROM data
memory can be performed either through the appli-
cation software, or through an external program-
mer. Any SGS-THOMSON tool used for the pro-
gram memory (OTP/EPROM) can also be used to
program the EEPROM data memory.
70
PRO-
TECT
EXTC -
NTL
PB2-3
PULL
PB0-1
PULL
WDACT DELAY OSCIL
-
Device Address
Description
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Device Address
Description
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com