Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSCDA310 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSCDA310
Description  3.0A Low Profile Chip Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCDA310 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSCDA310 Datasheet HTML 1Page - TAITRON Components Incorporated TSCDA310 Datasheet HTML 2Page - TAITRON Components Incorporated TSCDA310 Datasheet HTML 3Page - TAITRON Components Incorporated TSCDA310 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
TSCDA32-TSCDA310
3.0A Low Profile Chip
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
3.0A Low Profile Chip Schottky Rectifier
Features
• Low Profile Package, Build-in Strain Relief
• Low Power Loss , High Efficiency
• High Surge Current Capability
• Super Very Low Forward Voltage
• Plastic Package has Underwriters Laboratory Flammability
Classification 94V-0
• RoHS Compliant
Mechanical Data
Case:
Packed with FRP substrate and epoxy underfilled
Terminals:
Pure Tin plated, solderable per MIL-STD-750, Method 2026
Polarity:
Laser cathode band marking
Weight:
0.02 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
TSCDA32
TSCDA34
TSCDA36 TSCDA310
Unit
Marking Code
S32
S34
S36
S310
VRRM
Max. Recurrent Peak Reverse Voltage
20
40
60
100
V
VRMS
Max. RMS Voltage
14
28
42
70
V
VDC
Max. DC Blocking Voltage
20
40
60
100
V
Io(AV)
Max. Average Forward Rectified
Current (FIG.1)
3.0
A
IFSM
Peak Forward Surge Current (Note1)
80
A
VF
Max. Instantaneous Forward Voltage at
3.0A (Note2)
0.50
0.70
0.85
V
IR
Max. DC Reverse Current at Rated DC
Blocking Voltage @Ta=25°C
0.2
mA
RθJL
Typical Thermal Resistance, Junction to
Lead (Note3)
17.0
° C/W
TJ
Operating Junction Temperature Range
-55 to +125
-55 to +150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method)
2. Pulse Test with PW = 300 µsec, 1% Duty Cycle.
3. P.C.B. mounted 5.0 x 5.0mm (0.2 x 0.2") copper pad areas.
C2010
(SMA)


Similar Part No. - TSCDA310

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
3.0A Low Profile Chip Schottky Rectifier
TSCDA34L TAITRON-TSCDA34L Datasheet
176Kb / 4P
3.0A Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCDA310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
logo
Central Semiconductor C...
CPD77 CENTRAL-CPD77 Datasheet
38Kb / 1P
Schottky Rectifier 3.0A Schottky Barrier Rectifier Chip
logo
Diodes Incorporated
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
3.0A Low Profile Chip Schottky Rectifier
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com