Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T55B Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST62T55B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55B Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST62T55B Datasheet HTML 64Page - STMicroelectronics ST62T55B Datasheet HTML 65Page - STMicroelectronics ST62T55B Datasheet HTML 66Page - STMicroelectronics ST62T55B Datasheet HTML 67Page - STMicroelectronics ST62T55B Datasheet HTML 68Page - STMicroelectronics ST62T55B Datasheet HTML 69Page - STMicroelectronics ST62T55B Datasheet HTML 70Page - STMicroelectronics ST62T55B Datasheet HTML 71Page - STMicroelectronics ST62T55B Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
68/74
ST62P55B ST62P65B
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62P55B and ST62P65B are the Factory
Advanced Service Technique ROM (FASTROM)
versions of ST62T55B and ST62T65B OTP devic-
es.
They offer the same functionality as OTP devices,
selecting as FASTROM options the options de-
fined in the programmable option byte of the OTP
version.
1.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to SGS-THOMSON.
1.2.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The selected options are communicated to SGS-
THOMSON using the correctly filled OPTION LIST
appended.
1.2.2 Listing Generation and Verification
When SGS-THOMSON receives the user’s ROM
contents, a computer listing is generated from it.
This listing refers exactly to the ROM contents and
options which will be used to produce the specified
MCU. The listing is then returned to the customer
who must thoroughly check, complete, sign and
return it to SGS-THOMSON. The signed listing
forms a part of the contractual agreement for the
production of the specific customer MCU.
The SGS-THOMSON Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST62P55B/P65B
Table 2. FASTROM version Ordering Information
(*)
Advanced information
Device Address
Description
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
EEPROM (Bytes)
Temperature Range
Package
ST62P55BB1/XXX
ST62P55BB6/XXX
ST62P55BB3/XXX (*)
3884 Bytes
None
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST62P55BM1/XXX
ST62P55BM6/XXX
ST62P55BM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
ST62P65BB1/XXX
ST62P65BB6/XXX
ST62P65BB3/XXX (*)
128
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST62P65BM1/XXX
ST62P65BM6/XXX
ST62P65BM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com