Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T55B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST62T55B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST62T55B Datasheet HTML 14Page - STMicroelectronics ST62T55B Datasheet HTML 15Page - STMicroelectronics ST62T55B Datasheet HTML 16Page - STMicroelectronics ST62T55B Datasheet HTML 17Page - STMicroelectronics ST62T55B Datasheet HTML 18Page - STMicroelectronics ST62T55B Datasheet HTML 19Page - STMicroelectronics ST62T55B Datasheet HTML 20Page - STMicroelectronics ST62T55B Datasheet HTML 21Page - STMicroelectronics ST62T55B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
18/74
ST62T55B ST62T65B/E65B
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 CLOCK SYSTEM
The MCU features a Main Oscillator which can be
driven by an external clock, or used in conjunction
with an AT-cut parallel resonant crystal or a suita-
ble ceramic resonator, or with an external resistor
(RNET).
8 illustrates various possible oscillator configura-
tions using an external crystal or ceramic resonator,
an external clock input, an external resistor (RNET).
CL1 an CL2 should have a capacitance in the range
12 to 22 pF for an oscillator frequency in the 4-8 MHz
range.
A programmable divider is provided in order to adjust
the internal clock of the MCU to the best power con-
sumption and performance trade-off.
The internal MCU clock frequency (fINT) drives di-
rectly the AR TIMER while it is divided by 12 to
drive the TIMER, the A/D converter and the
Watchdog timer, and by 13 to drive the CPU core,
as may be seen in 9.
With an 8MHz oscillator frequency, the fastest ma-
chine cycle is therefore 1.625
µs.
A machine cycle is the smallest unit of time needed
to execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five machine cycles for execution.
3.1.1 Main Oscillator
The oscillator configuration may be specified by se-
lecting the appropriate option. When the CRYSTAL/
RESONATOR option isselected,it mustbeusedwith
a quartz crystal, a ceramic resonator or an external
signal provided on the OSCinpin. When theRCNET-
WORK option is selected, the system clock is gen-
erated by an external resistor.
Figure 8. Oscillator Configurations
OSCin
OSCout
CL1n
CL2
ST6xxx
CRYSTAL/RES ONATOR CLOCK
CRYSTA L/RESONATOR option
OSCin
OSCout
ST6xxx
EXTE RNAL CLOCK
CRYSTAL /RESONATOR option
NC
OSCin
OSCout
RNET
ST6xxx
RC NETWORK
RC NETWORK option
NC
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com