Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T80B Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST62T80B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T80B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST62T80B Datasheet HTML 45Page - STMicroelectronics ST62T80B Datasheet HTML 46Page - STMicroelectronics ST62T80B Datasheet HTML 47Page - STMicroelectronics ST62T80B Datasheet HTML 48Page - STMicroelectronics ST62T80B Datasheet HTML 49Page - STMicroelectronics ST62T80B Datasheet HTML 50Page - STMicroelectronics ST62T80B Datasheet HTML 51Page - STMicroelectronics ST62T80B Datasheet HTML 52Page - STMicroelectronics ST62T80B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
49/78
ST62T80B/E80B
4.4 U. A. R. T. (Universal Asynchronous Receiver/Transmitter)
The UART provides the basic hardware for asyn-
chronous serial communication which, combined
with an appropriate software routine, gives a serial
interface providing communication with common
baud rates (up to 38,400 Baud with an 8MHz ex-
ternal oscillator) and flexible character formats.
Operating in Half-Duplex mode only, the UART
uses 11-bit characters comprising 1 start bit, 9 data
bits and 1 Stop bit. Parity is supported by software
only for transmit and for checking the received par-
ity bit (bit 9). Transmitted data is sent directly, while
received data is buffered allowing further data
characters to be received while the data is being
read out of the receive buffer register. Data trans-
mit has priority over data being received.
The UART is supplied with an MCU internal clock
that isalso available in WAIT mode of the processor.
4.4.1 PORTS INTERFACING
RXD reception line and TXD emission line are
sharing the same external pins as two I/O lines.
Therefore, UART configuration requires to set
these two I/O lines through the relevant ports reg-
isters. The I/O line common with RXD line must be
defined as input mode (with or without pull-up)
while the I/O line common with TXD line must be
defined as output mode (Push-pull or open drain).
The transmitted data is inverted and can therefore
use a single transistor buffering stage. Defined as
input, the RXD line can be read at any time as an
I/O line during the UART operation. The TXD pin
follows I/O port registers value when UARTOE bit
is cleared, which means when no serial transmis-
sion is in progress. As a consequence, a perma-
nent high level has to be written onto the I/O port in
order to achieve a proper stop condition on the
TXD line when no transmission is active.
Figure 25. UART Block Diagram
START
DETECTOR
DATA SHIFT
REGISTER
D8 D7 D6 D5 D4 D3 D2 D1 D0
CONTROL REGIST ER
BAUD RATE
RECEIV E BUFFER
REGISTER
PROGRAMMABLE
DIVIDE R
DIN
DOUT
D9
BAUD RATE x 8
WRIT E
READ
RXD1
TXD1
UARTOE
RX and TX
INTE RRUPTS
TXD
DR
0
MUX
1
fOSC
VR02009
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com