Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T80B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST62T80B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T80B Datasheet(HTML) 5 Page - STMicroelectronics

  ST62T80B Datasheet HTML 1Page - STMicroelectronics ST62T80B Datasheet HTML 2Page - STMicroelectronics ST62T80B Datasheet HTML 3Page - STMicroelectronics ST62T80B Datasheet HTML 4Page - STMicroelectronics ST62T80B Datasheet HTML 5Page - STMicroelectronics ST62T80B Datasheet HTML 6Page - STMicroelectronics ST62T80B Datasheet HTML 7Page - STMicroelectronics ST62T80B Datasheet HTML 8Page - STMicroelectronics ST62T80B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
5/78
ST62T80B/E80B
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T80B and ST62E80B devices are low
cost members of the ST62xx 8-bit HCMOS family
of microcontrollers, which is targeted at low to me-
dium complexity applications. All ST62xx devices
are based on a building block approach: a com-
mon core is surrounded by a number of on-chip
peripherals.
The ST62E80B is the erasable EPROM version of
the ST62T80B device, which may be used to em-
ulate the ST62T80B device, as well as the respec-
tive ST6280B ROM devices.
Figure 1. Block Diagram
TEST
NMI
INTERRUPT
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPP LY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
ARTIMER
DIGITAL
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA5 / Scl / 20mA Sink
VDD VSS OSCin OSCout
RESET
WATCHDOG
Memory
PORT C
SPI (SERIAL
PERI PHERAL
INTE RFACE)
192 Bytes
7948 bytes
DATA EEPROM
128 Bytes
PB0 / RXD / Ain
PC0..PC 3 / 20mA Sink
S9..S56
COM9..COM16 / S1..S8
(VPP on EPROM/OTP versions only)
PB6 / ARTIMi n / Ain
PB7 / ARTIMout / Ain
VLCD
VLCD1/5
VLCD2/5
OSC 32kHz
TIMER
OSC32in
OSC32out
LCD DRIVER
VA0479
VLCD4/5
VLCD3/5
PC4..PC 7 / Ain
PA6 / Sin / 20mA Sink
PA7 / Sout / 20mA Sink
PA4 / TIMER / 20mA Sink
PA2..PA3 / 20mA Sink
PB2..PB5 / Ain
PB1 / TXD / Ain
COM1..COM8
UART
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com