Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6365 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST6365
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6365 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST6365 Datasheet HTML 64Page - STMicroelectronics ST6365 Datasheet HTML 65Page - STMicroelectronics ST6365 Datasheet HTML 66Page - STMicroelectronics ST6365 Datasheet HTML 67Page - STMicroelectronics ST6365 Datasheet HTML 68Page - STMicroelectronics ST6365 Datasheet HTML 69Page - STMicroelectronics ST6365 Datasheet HTML 70Page - STMicroelectronics ST6365 Datasheet HTML 71Page - STMicroelectronics ST6365 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
68/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
GENERAL INFORMATION (Cont’d)
7.3 CUSTOMER EEPROM INITIAL CONTENTS:
a. The content should be written into an INTEL
INTELLEC format file.
b In the case of 384 bytes of EEPROM, the start-
ing address is 000h and the end address is
17Fh. The order of the pages (64 bytes each) is
an in the specification (i.e. b7, b1 b0: 001, 010,
011, 101, 110. 111).
c. Undefined or don't care bytes should have the
content FFh.
7.4 OSD Test Character
IN ORDER TO ALLOW THE TESTING OF THE
ON-CHIP OSD MACROCELL THE FOLLOWING
CHARACTER MUST BE PROVIDED AT THE
FIXED 3Fh (63) POSITION OF THE SECOND
OSD BANK.
Listing
Generation
&
Verification.
When
SGS-THOMSON receives the files, a computer
listing is generated from them. This listing refers
extractly to the mask that will be used to produce
the microcontroller. Then the listing is returned to
the customer that must thoroughly check, com-
plete, sign and return it to SGS-THOMSON. The
signed list constitutes a part of the contractual
agreement for the creation of the customer mask.
SGS-THOMSON sales organization will provide
detailed information on contractual points.
Figure 34. OSD Test Character
7.5 ORDERING INFORMATION TABLE
Note: “XXX” Is the ROM code identifier that is allocated by SGS- THOMSON after receipt of all required
options and the related ROM file.
Sales Type
ROM/ EEPROM Size
D/ A
Converter
Temperature Range
Package
ST6365B1/ XXX
8K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6367B1/ XXX
8K/ 384 Bytes
6
0 to + 70 °C
PSDIP42
ST6375B1/ XXX
14K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6377B1/ XXX
14K/ 384 Bytes
6
0 to + 70 °C
PSDIP42
ST6385B1/ XXX
20K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6387B1/ XXX
20K/ 384 Bytes
6
0 to + 70 °C
PSDIP42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com