Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS320 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSS320
Description  320 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS320 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSS320 Datasheet HTML 1Page - Wall Industries,Inc. PSS320 Datasheet HTML 2Page - Wall Industries,Inc. PSS320 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS320 Series
320 Watt
Single Output
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Ripple &
Noise
Output
Power
Efficiency
PSS-320-5
5 VDC
4.5 ~ 5.7V
5.75 ~ 6.75V
50A
150mVp-p
250W
77%
PSS-320-7.5
7.5 VDC
6 ~ 9V
9.4 ~ 10.9V
36A
150mVp-p
270W
80%
PSS-320-12
12 VDC
10 ~ 13.2V
13.8 ~ 16.2V
25A
150mVp-p
300W
82%
PSS-320-13.5
13.5 VDC
12 ~ 15V
15.5 ~ 18.2V
22A
150mVp-p
297W
83%
PSS-320-15
15 VDC
13.5 ~ 18V
18 ~ 21V
20A
150mVp-p
300W
84%
PSS-320-24
24 VDC
20 ~ 26.4V
27.6 ~ 32.4V
12.5A
150mVp-p
300W
86%
PSS-320-27
27 VDC
26 ~ 32V
33.7 ~ 39.2V
11A
200mVp-p
297W
86%
PSS-320-48
88 ~ 132 VAC
or
176 ~ 264 VAC
48 VDC
41 ~ 56V
57.6 ~ 67.2V
6.5A
240mVp-p
312W
87%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS
fosc: 90KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com