Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS320 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSS320
Description  320 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS320 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSS320 Datasheet HTML 1Page - Wall Industries,Inc. PSS320 Datasheet HTML 2Page - Wall Industries,Inc. PSS320 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS320 Series
320 Watt
Single Output
AC/DC Power Supply
FEATURES
● 2 Year Warranty
● Low Cost, High Reliability
● Fixed Switching Frequency
● Compact Size, Light Weight
● 100% Full Load Burn-In Tested
● Cooling Fan ON/OFF Auto Control
● Built-In EMI Filter, Low Ripple Noise
● AC Input Range Selectable by Switch
● Forced Air Cooling by Built-In DC Fan
● High Efficiency, Low Working Temperature
● Soft Start Circuit, Limiting AC Surge Current
● Short Circuit, Overload, Over Voltage, and Over Temperature Protected
SPECIFICATIONS: PSS320 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
88 ~ 132VAC / 176 ~ 264VAC auto switch (248 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
6A @ 115VAC
3.5A @ 230VAC
Inrush Current (typical)
18A @ 115VAC
36A @ 230VAC
Leakage Current
< 3.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
5V & 7.5V outputs: ±2.0%; 12V - 48V outputs: ±1.0%
Voltage Adjustment Range
See Table
Line Regulation
±0.5%
Load Regulation
5V & 7.5V outputs: ±1.0%;
12V - 48V outputs: ±0.5%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
5V - 24V outputs: 150mVp-p;
27V output: 200mVp-p;
48V output: 240mVp-p
Setup, Rise Time
2000ms, 20ms @ full load
Hold Up Time (typical)
24ms @ full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
105 ~ 135% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Over Voltage Protection
See Table
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Fan Control, O.T.P
RTH1≥ 65°C Fan On, ≤ 55°C Fan Off, ≥ 70°C (5 ~ 15V)
RTH1≥ 70°C Fan On, ≤ 65°C Fan Off, ≥ 80°C (24 ~ 48V)
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency
90KHz
Efficiency
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Cooling
Forced air cooling by built-in DC fan.
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
188,700 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
1080 grams
Dimensions
215(L) x 115(W) x 50(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL60950-1 approved


Similar Part No. - PSS320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSS3-10 ETC2-PSS3-10 Datasheet
493Kb / 2P
THREE FLANGE DUAL PRIMARY 2.4VA PC BOARD POWER TRANSFORMER
logo
TDK Electronics
PSS3-24-12 TDK-PSS3-24-12 Datasheet
443Kb / 2P
Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-3R3 TDK-PSS3-24-3R3 Datasheet
443Kb / 2P
Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-5 TDK-PSS3-24-5 Datasheet
443Kb / 2P
Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
logo
Mitsubishi Electric Sem...
PSS30S71F6 MITSUBISHI-PSS30S71F6 Datasheet
423Kb / 12P
Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PSS320

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS25 WALL-PSS25 Datasheet
158Kb / 3P
25 Watt Single Output AC/DC Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
150 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSSP320 WALL-PSSP320 Datasheet
160Kb / 3P
Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
logo
C&D Technologies
TPS_TX1000 CANDD-TPS_TX1000 Datasheet
366Kb / 4P
1000 Watt, Single Output, AC/DC Power Supply
logo
Wall Industries,Inc.
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
30 Watt Single Output AC/DC Desktop Power Supply
logo
TRACO Electronic AG
TXLN320 TRACOPOWER-TXLN320 Datasheet
924Kb / 5P
AC/DC Power Supply TXLN 320 Series, 320 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com