Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSP100 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSP100
Description  Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP100 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSP100 Datasheet HTML 1Page - Wall Industries,Inc. PSSP100 Datasheet HTML 2Page - Wall Industries,Inc. PSSP100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP100 Series
Single Output
100 Watt with PFC Function
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Output Power
Efficiency
PSSP100-3.3
3.3 VDC
3.14 ~ 3.63V
3.63 ~ 4.46V
20A
66W
70%
PSSP100-5
5 VDC
4.75 ~ 5.5V
5.5 ~ 6.75V
20A
100W
76%
PSSP100-7.5
7.5 VDC
7.13 ~ 8.25V
8.25 ~ 10.13V
13.5A
101.25W
78%
PSSP100-12
12 VDC
11.4 ~ 13.2V
13.2 ~ 16.2V
8.5A
102W
80%
PSSP100-13.5
13.5 VDC
12.8 ~ 14.9V
14.85 ~ 18.23V
7.5A
101.25W
80%
PSSP100-15
15 VDC
14.3 ~ 16.5V
16.5 ~ 20.25V
6.7A
100.5W
82%
PSSP100-24
24 VDC
22.8 ~ 26.4V
26.4 ~ 32.4V
4.2A
100.8W
84%
PSSP100-27
27VDC
25.7 ~ 29.7V
29.7 ~ 36.45V
3.8A
102.6W
83%
PSSP100-48
85 ~ 264 VAC
(120 ~ 370 VDC)
48 VDC
45.6 ~ 52.8V
52.8 ~ 64.8V
2.1A
100.8W
82%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
BLOCK DIAGRAM
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com