Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSP100 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSP100
Description  Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP100 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSP100 Datasheet HTML 1Page - Wall Industries,Inc. PSSP100 Datasheet HTML 2Page - Wall Industries,Inc. PSSP100 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP100 Series
Single Output
100 Watt with PFC Function
AC/DC Switching Power Supply
FEATURES
● 3 Year Warranty
● Low Cost, High Reliability
● Fixed Switching Frequency
● LED Indicator for Power On
● 100% Full Load Burn-In Tested
● Universal AC Input / Full Range
● Remote ON/OFF Control (Optional)
● Built-In Active PFC Function, PF > 0.93
● Built-In Constant Current Limiting Circuit
● Soft Start Circuit, Limiting AC Surge Current
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSSP100 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
85 ~ 264VAC (120 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
1.7A @ 115VAC
0.8A @ 230VAC
Inrush Current (typical)
Cold Start 30A @ 230VAC
Leakage Current
< 2mA @ 240VAC
Power Factor (typical)
PF > 0.93 @ 230VAC
PF > 0.98 @ 115VAC and full load
Remote ON/OFF Control (Option)
CN1: 4~10VDC Power On, <0 ~ 0.8VDC Power Off
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
3.3V - 15V outputs: 2.0%;
24V - 48V outputs: 1.0%
Voltage Adjustment Range
See Table
Line Regulation
0.5%
Load Regulation
3.3V - 7.5V outputs: 1.0%; 12V - 48V outputs: 0.5%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
3.3V - 15V outputs: 100mVp-p;
24V & 27V outputs: 150mVp-p;
48V output: 250mVp-p
Setup, Rise Time
600ms, 30ms @ full load
Hold Up Time (typical)
20ms @ full load
Temperature Coefficient
±0.05%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
105 ~ 150% rated output power
Protection Type: Constant current limiting; recovers automatically after fault condition is removed
Over Voltage
See Table
Protection Type: Shutdown output voltage, re-power on to recover.
GENERAL SPECIFICATIONS
Switching Frequency
PFC: 67KHz PWM: 134KHz
Efficiency (typical)
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
211,300 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
600 grams
Dimensions
179(L) x 99(W) x 45(H) mm
Warranty
3 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A


Similar Part No. - PSSP100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
More results

Similar Description - PSSP100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
With PFC 2400 Watt Single Output AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSQP100 WALL-PSQP100 Datasheet
179Kb / 4P
100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
PSSP320 WALL-PSSP320 Datasheet
160Kb / 3P
Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
100 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com