Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC18 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC18
Description  3.3Vdc J-Leaded Plastic Surface Mount Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC18 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC18 Datasheet HTML 1Page - Ecliptek Corporation EC18 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Tuesday, February 01, 2000
TO:
Affected Customers
FROM:
Marketing
RE:
EC18 Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the EC18 series Ecliptek
oscillator effective Tuesday, February 01, 2000.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Tuesday, February
01, 2000, with delivery to be conclude by Tuesday, February 01, 2000.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - EC18

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC180-CS DFI-EC180-CS Datasheet
969Kb / 4P
8th/9th Gen Intel® CoreTM Fanless AI-Enabled Embedded System
logo
List of Unclassifed Man...
EC1808NPCP ETC2-EC1808NPCP Datasheet
79Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC1808NPOP ETC2-EC1808NPOP Datasheet
79Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC1808PPCP ETC2-EC1808PPCP Datasheet
79Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC1808PPOP ETC2-EC1808PPOP Datasheet
79Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
More results

Similar Description - EC18

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASML ABRACON-ASML Datasheet
508Kb / 1P
3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASMLP ABRACON-ASMLP Datasheet
190Kb / 2P
PLASTIC J-LEADED PROGRAMMABLE SURFACEMOUNT CRYSTAL CLOCK OSCILLATOR
07.31.07
ASMP ABRACON-ASMP Datasheet
191Kb / 2P
PLASTIC J-LEADED PROGRAMMABLE SURFACEMOUNT CRYSTAL CLOCK OSCILLATOR
05.01.07
logo
Ecliptek Corporation
EC17 ECLIPTEK-EC17 Datasheet
423Kb / 2P
5.0Vdc J-Leaded Plastic Surface Mount Oscillator
logo
Connor-Winfield Corpora...
MSD61A4 CONNOR-WINFIELD-MSD61A4 Datasheet
149Kb / 2P
3.3V SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD534 CONNOR-WINFIELD-MSD534 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD614 CONNOR-WINFIELD-MSD614 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD634 CONNOR-WINFIELD-MSD634 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD644 CONNOR-WINFIELD-MSD644 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com