Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6255CM3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST6255CM3
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6255CM3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST6255CM3 Datasheet HTML 76Page - STMicroelectronics ST6255CM3 Datasheet HTML 77Page - STMicroelectronics ST6255CM3 Datasheet HTML 78Page - STMicroelectronics ST6255CM3 Datasheet HTML 79Page - STMicroelectronics ST6255CM3 Datasheet HTML 80Page - STMicroelectronics ST6255CM3 Datasheet HTML 81Page - STMicroelectronics ST6255CM3 Datasheet HTML 82Page - STMicroelectronics ST6255CM3 Datasheet HTML 83Page - STMicroelectronics ST6255CM3 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
80/86
ST62P55C ST62P65C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62P55C and ST62P65C are the Factory
Advanced Service Technique ROM (FASTROM)
versions of ST62T55C and ST62T65C OTP devic-
es.
They offer the same functionality as OTP devices,
selecting as FASTROM options the options de-
fined in the programmable option byte of the OTP
version.
1.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.2.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly filled OPTION
LIST appended.
1.2.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the ROM con-
tents and options which will be used to produce
the specified MCU. The listing is then returned to
the customer who must thoroughly check, com-
plete, sign and return it to STMicroelectronics. The
signed listing forms a part of the contractual agree-
ment for the production of the specific customer
MCU.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST62P55C/P65C
Table 2. FASTROM version Ordering Information
(*)
Advanced information
Device Address
Descriptio n
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
EEPROM (Bytes)
Temperature Range
Package
ST62P55CB1/XXX
ST62P55CB6/XXX
ST62P55CB3/XXX (*)
3884 Bytes
None
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST62P55CM1/XXX
ST62P55CM6/XXX
ST62P55CM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
ST62P55CN1/XXX
ST62P55CN6/XXX
ST62P55CN3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP28
ST62P65CB1/XXX
ST62P65CB6/XXX
ST62P65CB3/XXX (*)
128
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST62P65CM1/XXX
ST62P65CM6/XXX
ST62P65CM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
ST62P65CN1/XXX
ST62P65CN6/XXX
ST62P65CN3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP28
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com