Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6255CM3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST6255CM3
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6255CM3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST6255CM3 Datasheet HTML 78Page - STMicroelectronics ST6255CM3 Datasheet HTML 79Page - STMicroelectronics ST6255CM3 Datasheet HTML 80Page - STMicroelectronics ST6255CM3 Datasheet HTML 81Page - STMicroelectronics ST6255CM3 Datasheet HTML 82Page - STMicroelectronics ST6255CM3 Datasheet HTML 83Page - STMicroelectronics ST6255CM3 Datasheet HTML 84Page - STMicroelectronics ST6255CM3 Datasheet HTML 85Page - STMicroelectronics ST6255CM3 Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 86 page
background image
86/86
ST6255C ST6265B
1.3 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.3.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected mask options. The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file gener-
ated by the development tool. All unused bytes
must be set to FFh.
The selected mask options are communicated to
STMicroelectronics using the correctly filled OP-
TION LIST appended.
1.3.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the mask which
will be used to produce the specified MCU. The
listing is then returned to the customer who must
thoroughly check, complete, sign and return it to
STMicroelectronics. The signed listing forms a
part of the contractual agreement for the creation
of the specific customer mask.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST6255C/65B
Table 2. ROM version Ordering Information
Information furnished is believed to be accurate and reliable. However, STMi croelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as criti cal components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
©1999 STMicroelectronics - All Rights Reserved.
Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an
I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
STMi croelectronics Group of Companies
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain
Sweden - Switzerland - United Kingdom - U.S.A.
http:// www.st.com
Device Address
Descriptio n
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
EEPROM (Bytes)
Temperature Range
Package
ST6255CB1/XXX
ST6255CB6/XXX
ST6255CB3/XXX
3884 Bytes
None
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST6255CM1/XXX
ST6255CM6/XXX
ST6255CM3/XXX
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
ST6255CN1/XXX
ST6255CN6/XXX
ST6255CN3/XXX
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP28
ST6265BB1/XXX
ST6265BB6/XXX
ST6265BB3/XXX
128
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP28
ST6265BM1/XXX
ST6265BM6/XXX
ST6265BM3/XXX
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO28
ST6265BN1/XXX
ST6265BN6/XXX
ST6265BN3/XXX
0to+70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com