Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST40C Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PST40C
Description  40 WATTS SOFT-START CIRCUIT, LIMITING AC SURGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PST40C Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PST40C Datasheet HTML 1Page - Wall Industries,Inc. PST40C Datasheet HTML 2Page - Wall Industries,Inc. PST40C Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
All specifications apply at 25ºC unless otherwise noted.
DATA SHEET
PST SERIES
40 WATTS
www.wallindustries.com
2
603 778 2300
8/31/2002
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
5V
12V
-5V
5V
12V
-12V
5V
15V
-15V
±2%
±6%
±8%
±2%
±6%
±8%
±2%
±6%
±6%
3A
2A
0.5A
3A
2A
0.5A
3A
1.5A
0.5A
0.6-5A
0.2-3A
0.1-1A
0.6-5A
0.2-3A
0.1-1A
0.6-5A
0.2-2A
0.1-1A
100mVp-p 120mVp-p 100mVp-p 100mVp-p 120mVp-p 120mVp-p 100mVp-p 120mVp-p 120mVp-p
±0.5%
±1%
±1%
±0.5%
±1%
±1%
±0.5%
±1%
±1%
±0.5%
±4%
±6%
±0.5%
±4%
±6%
±0.5%
±4%
±4%
EMC STANDARDS
CISPR22(EN55022),IEC801-2,3,4, IEC555-2 VERIFICATION
MODEL
SPECIFICATION
PST-40A
PST-40B
PST-40C
DC OUTPUT VOLTAGE
OUTPUT V. TOLERANCE
OUTPUT RATED CURRENT
OUTPUT CURRENT RANGE
RIPPLE & NOISE
LINE REGULATION
LOAD REGULATION
RATED OUTPUT POWER
41.5W
45W
45W
EFFICIENCY
72% / 115VAC
72% / 115VAC
72% / 115VAC
DC VOLTAGE ADJ.
CH1:+10,-5%
CH1:+10,-5%
CH1:+10,-5%
INPUT VOLTAGE RANGE
85~264VAC 47~63Hz ; 120~370VDC
AC CURRENT
1.2A/115V 0.7A/230V
INRUSH CURRENT
COLD START 20A/115V 40A/230V
LEAKAGE CURRENT
<3.5mA/240VAC
OVERLOAD PROTECTION
105%~150%/115VAC TYPE:PULSING HICCUP SHUTDOWN RESET:AUTO RECOVERY
OVER VOLTAGE PROTECTION
CH1:5.75~6.75V
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC) ON +5V OUTPUT
SETUP,RISE,HOLD UP TIME
1.6s, 50ms, 16ms / 115VAC 800ms, 50ms, 60ms / 230VAC
VIBRATION
10~500Hz, 2G 3AXES 10min. / 1cycle ( 1 HOUR / EACH AXES )
WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC 1min.
ISOLATION RESISTANCE
I/P-O/P,I/P-FG,O/P-FG:500VDC / 100M Ohms
WORKING TEMP., HUMIDITY
-10ºC~+60ºC(REFER TO OUTPUT DERATING CURVE), 20%~90% RH
STORAGE TEMP., HUMIDITY
-20ºC~+85ºC, 10%~95% RH
DIMENSION
129*98*38mm CASE:903
WEIGHT
0.45Kgs
SAFETY STANDARDS
CSA INTERNATIONAL MARK APPROVED (CSA950, UL1950, IEC950, EN60950)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com