Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST40C Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PST40C
Description  40 WATTS SOFT-START CIRCUIT, LIMITING AC SURGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PST40C Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PST40C Datasheet HTML 1Page - Wall Industries,Inc. PST40C Datasheet HTML 2Page - Wall Industries,Inc. PST40C Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.wallindustries.com
1
603 778 2300
• LOW COST, HIGH RELIABILITY
• COMPACT SIZE, LIGHT WEIGHT
• 105ºC OUTPUT CAPACITOR
• 100% FULL LOAD BURN-IN TEST
• INTERNATIONAL AC INPUT RANGE
• HIGH EFFICIENCY, LOW WORKING
TEMPERATURE
• SOFT-START CIRCUIT, LIMITING AC SURGE
CURRENT
• SHORT CIRCUIT, OVERLOAD, OVER VOLTAGE
PROTECTED
MODELS
8/31/2002
DATA SHEET
PST SERIES
40 WATTS
MODEL
OUTPUT
TOLERANCE R&N EFFICIENCY P.P.
PST40A
5V, 0.6-5A
+/-2%
100mV
72%
57
12V, 0.2-3A
+/-6%
120mV
-5V, 0.1-1A
+/-8%
100mV
PST40B
5V, 0.6-5A
+/-2%
100mV
72%
57
12V, 0.2-3A
+/-6%
120mV
-12V, 0.1-1A
+/-8%
120mV
PST40C
5V, 0.6-5A
+/-2%
100mV
72%
57
15V, 0.2-2A
+/-6%
120mV
-15V, 0.1-1A
+/-6%
120mV
6.EACH OUTPUT PROVIDE UP TO MAXIMUM
CURRENT, BUT TOTAL LOAD CAN NOT EXCEED MAX.
OUTPUT POWER.
7.C2,3,6 MUST BE REMOVED.
5.LOAD REGULATION IS MEASURED FROM 20% TO
100% RATED LOAD, AND OTHER OUTPUT AT 60%
RATED LOAD.
4.LINE REGULATION IS MEASURED FROM LOW LINE
TO HIGH LINE AT RATED LOAD.
NOTES
1.ALL PARAMETERS ARE SPECIFIED AT 230VAC
INPUT, RATED LOAD, 25º
C 70% RH. AMBIENT.
2.TOLERANCE F
INCLUDE SET UP TOLERANCE, LINE
REGULATION, LOAD REGULATION.
3.RIPPLE & NOISE ARE MEASURED AT 20MHz BY
USING A 12" TWISTED PAIR TERMINATED WITH A
0.1uF & 47uF CAPACITOR.


Similar Part No. - PST40C

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PST480 ALTECH-PST480 Datasheet
163Kb / 1P
480W Three Phase DIN Rail Power Supply PST-480 Series
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
480W Three-Phase Industrial DIN Rail Power Supply
More results

Similar Description - PST40C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
Programmable Soft-Start
logo
Shenzhen Huazhimei Semi...
HM4057E HMSEMI-HM4057E Datasheet
761Kb / 8P
Soft start, effectively limiting the inrush current
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
Soft start valve
4/1/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com