Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5089 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 2N5089
Description  SMALL SIGNAL GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2N5089 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  2N5089 Datasheet HTML 1Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 2Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 3Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/WW
2N5089
SMALL SIGNAL GENERAL
PURPOSE TRANSISTORS
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
NPN Epitaxial Silicon Transistors
Features
• Application for Amplifier Circuit, Switching Circuit, Inverter
• RoHS Compliant
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
V CEO
Collector-Base Voltage
25
V
Open Emitter
V CBO
Collector-Emitter Voltage
30
V
Open Base
V EBO
Emitter-Base Voltage
4.5
V
Open Collector
IC
Collector Current - Continuous
50
mA
625
mW
PD
Collector Power Dissipation
5.0
mW/° C
Derating above 25 ºC
TJ,TSTG
Operating Junction and Storage
-55 to 150
° C
Thermal Characteristics
Symbol
Description
Value
Unit
Rth (j-a)
Thermal Resistance from Junction to Amber
357
° C/W
Rth (j-c)
Thermal Resistance from Junction to Case
125
° C/W


Similar Part No. - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N5089 FAIRCHILD-2N5089 Datasheet
98Kb / 7P
NPN General Purpose Amplifier
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
153Kb / 8P
Amplifier Transistors
November, 2001 ??Rev. 1
More results

Similar Description - 2N5089

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081UB ROHM-2SC4081UB Datasheet
82Kb / 4P
General purpose small signal amplifier
2SC4617EB ROHM-2SC4617EB Datasheet
80Kb / 4P
General purpose small signal amplifier
logo
TAITRON Components Inco...
2N4400 TAITRON-2N4400 Datasheet
218Kb / 4P
Small Signal General Purpose Transistors (NPN)
logo
Rohm
2SA1576UB ROHM-2SA1576UB_09 Datasheet
164Kb / 3P
General purpose small signal amplifier
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05 Datasheet
503Kb / 4P
NPN Small Signal General Purpose Amplifier Transistors
MMBTA05 MCC-MMBTA05_11 Datasheet
670Kb / 4P
NPN Small Signal General Purpose Amplifier Transistors
MMBTA05 MCC-MMBTA05_15 Datasheet
799Kb / 6P
NPN Small Signal General Purpose Amplifier Transistors
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
2Mb / 15P
General purpose small signal amplifier
logo
AiT Semiconductor Inc.
MBT5401DW AITSEMI-MBT5401DW Datasheet
878Kb / 7P
GENERAL PURPOSE TRANSISTORS DUAL PNP SMALL SIGNAL TRANSISTOR
REV1.0
logo
Rohm
BC847B ROHM-BC847B_V01 Datasheet
1Mb / 10P
General purpose small signal amplifier
20190128 - Rev.003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com