Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5089 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 2N5089
Description  SMALL SIGNAL GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2N5089 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  2N5089 Datasheet HTML 1Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 2Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 3Page - TAITRON Components Incorporated 2N5089 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN Small Signal General Purpose Transistors
2N5089
Rev. A/WW
Rev. A/WW
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
MIN
MAX
Unit
Conditions
V (BR)CEO
Collector-Base Breakdown Voltage
25
--
V
Open Emitter
V (BR) CBO
Collector-Emitter Breakdown Voltage
30
--
V
Open Base
ICBO
Collector Cut-Off Current
--
50
nA
IE = 0; VCB =20V
IEBO
Emitter Cut-Off Current
--
100
nA
IC = 0; VEB = 4.5 V
400
1200
IC = 100 µA; VCE = 5 V
450
--
IC = 1 mA; VCE = 5 V
hFE
DC Current Gain
400
--
IC = 10 mA; VCE = 5 V
VCE(sat)
Collector-Emitter Saturation Voltage
--
0.5
V
IC = 10 mA; IB =1mA
VBE(on)
Base-Emitter On Voltage
0.8
V
IC = 10 mA; VCE =5V
fT
transition frequency
50
--
MHz
IC = 500 µA; VCE = 5 V;
f = 20 MHz
Cc
Collector-Base Capacitance
--
4.0
pF
IE= 0; VCB =5V; f=100KHz
Ce
Emmiter-Base Capacitance
--
10
pF
IC= 0; VCB =5V; f=100KHz
hfe
Small-Signal Current Gain
450
1800
IC = 1.0 mA, VCE = 5 V,
f = 1.0 kHz
NF
Noise Figure
--
2.0
dB
IC = 100 µA, VCE = 5.0 V,
RS=10 kΩ, f=10 Hz to 15.7 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com