Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63T156B1 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST63T156B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63T156B1 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST63T156B1 Datasheet HTML 75Page - STMicroelectronics ST63T156B1 Datasheet HTML 76Page - STMicroelectronics ST63T156B1 Datasheet HTML 77Page - STMicroelectronics ST63T156B1 Datasheet HTML 78Page - STMicroelectronics ST63T156B1 Datasheet HTML 79Page - STMicroelectronics ST63T156B1 Datasheet HTML 80Page - STMicroelectronics ST63T156B1 Datasheet HTML 81Page - STMicroelectronics ST63T156B1 Datasheet HTML 82Page - STMicroelectronics ST63T156B1 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
ABSOLUTE MAXIMUM RATINGS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advised to take normal precaution to avoid
application of any voltage higher than maximum
rated voltages.
For proper operation it is recommended that VI and
VO must be higher than VSS and smaller than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriated logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, Tj, in Celsius can be obtained
from :
Tj =
TA + PD x RthJA
Where :TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =
Pint + Pport.
Pint =
IDD xVDD (chip internal power).
Pport =
Port power dissipation
(determinated by the user).
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
VI
Input Voltage (AFC IN)
V
SS - 0.3 to +13
V
VI
Input Voltage (Other Inputs)
V
SS - 0.3 to VDD +0.3
V
VO
Output Voltage (PA4-PA7, PC4-PC7, DA0-DA5)
VSS - 0.3 to +13
V
VO
Output Voltage (Other Outputs)
V
SS - 0.3 to VDD +0.3
V
VPP
EPROM programming Voltage
-0.3 to 13.0
V
IO
Current Drain per Pin Excluding VDD,VSS, PA6, PA7
± 10
mA
IO
Current Drain per Pin (PA6, PA7)
± 50
mA
IVDD
Total Current into VDD (source)
50
mA
IVSS
Total Current out of VSS (sink)
150
mA
Tj
Junction Temperature
150
°C
TSTG
Storage Temperature
-60 to 150
°C
Note : Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device . This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
TA
Operating Temperature
0
70
°C
VDD
Operating Supply Voltage
4.5
5.0
6.0
V
fOSC
Oscillator Frequency
RUN & WAIT Modes
8
8.1
MHz
fOSDOSC
On-screen Display Oscillator
Frequency
8.0
MHz
RECOMMENDED OPERATING CONDITIONS
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
75/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com