Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63T156B1 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST63T156B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63T156B1 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST63T156B1 Datasheet HTML 78Page - STMicroelectronics ST63T156B1 Datasheet HTML 79Page - STMicroelectronics ST63T156B1 Datasheet HTML 80Page - STMicroelectronics ST63T156B1 Datasheet HTML 81Page - STMicroelectronics ST63T156B1 Datasheet HTML 82Page - STMicroelectronics ST63T156B1 Datasheet HTML 83Page - STMicroelectronics ST63T156B1 Datasheet HTML 84Page - STMicroelectronics ST63T156B1 Datasheet HTML 85Page - STMicroelectronics ST63T156B1 Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
PACKAGE MECHANICAL DATA
Figure 69. 40 Pin Ceramic Dual-In-line Package
Figure 70. 28-Pin Ceramic Dual-In-line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
A1
B
0.45
.018
B1
C
D
50.8
2.00
D1
E
15.2 BSD
0.600 BSD
E1
K
13.2
.52
L
e1
Ø
Number of Pins
N40
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.71
.225
A1
0.50
1.78
.020
.070
B
0.40
0.55
.016
.022
B1
1.17
1.42
.046
.056
C
0.22
0.31
.009
.012
D
38.10
1.500
D1
15.2
24.9
.060
.098
E
15.2 BSD
0.600 BSD
E1
13.05
13.36
.514
.526
L
3.00
.118
e1
2.29
2.79
.090
.110
Ø
6.86
7.36
.270
.290
Number of Pins
N28
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
79/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com