Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136G Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST70136G
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136G Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST70136G Datasheet HTML 11Page - STMicroelectronics ST70136G Datasheet HTML 12Page - STMicroelectronics ST70136G Datasheet HTML 13Page - STMicroelectronics ST70136G Datasheet HTML 14Page - STMicroelectronics ST70136G Datasheet HTML 15Page - STMicroelectronics ST70136G Datasheet HTML 16Page - STMicroelectronics ST70136G Datasheet HTML 17Page - STMicroelectronics ST70136G Datasheet HTML 18Page - STMicroelectronics ST70136G Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ST70136
15/24
5.3 - Receive Path Specifications
TA = 0 to 70°C unless otherwise specified. The following specifications are guaranteed only when the
Digital Control Interface is not active.
Notes: a. The corresponding typical value correspond to a 2.4Vpd at RXN/RXP differentiel inputs. The 2.4Vpd correspond to what will be
called 0dBr for the other specifications in the present table. Variations include process, temperature and power variations.
b. The input noise must be measured in the frequency domain from 138KHz to 1.1MHz, with an sinusoidal input signal at -60dBr
amplitude. Frequency of the input signal is 552KHz.
c. D is the gain relatively to the 0dBr previously defined. Variations include process, temperature and power variations.
d. Monotonicity is guaranted for RxPGA, Attenuator, but separatly.
e. Ratio between max peak amplitude of one of the 2 single tones to any spurious measured in the down-stream band
[138KHz-1.1MHz] ; each tone amplitude is at -6-31=-37dBr. The couples are (f1,f2) = (200KHz, 300KHz), (400KHz, 500KHz),
(600KHz, 700KHz).
Table 9 : Receive Path Specifications
Typical specifications apply for VCC = 5.0V, temperature = 27°C, nominal process and bias current. Maximum and
minimum performance is with VCC ±5%, 0°C < Tambient < 70°C, and worst case process and bias current.
Description
Min.
Typ.
Max.
Unit
Comments
Output word rate
8.832
MHz
Data Sampling frequency
Output word resolution 16 bits
16
bits
Reference Input signal
a
-0.8
-0.4
0
dBfs
Fref=138KHz, PGA gain=0dB, Vin = 0dBr
(2.4Vpd)
Common mode voltage
2.4
2.5
2.6
V
Measured on each single input
Differential Input impedance
12
20
28
k
Ω
Between RXN and RXP
Input noise
b
15
@gain=+31dB, frequency>138KHz
Gain, 0
≤ D ≤ 31
c
Step size 1dB
D-0.5
D
D+0.5
dB
Receive Programmable gain. D is the
binary value of the control word. (see
Section 4.7.1.1 - Rx Gain Control on
page 10
Step size
0.8
1
1.2
dB
Attenuator 0 >= Att >= -3 d
Step size 4dB
4*Att-0.5
4*Att
4*Att+0.5
dB
Receive attenuator ATT is the binary
value of the control word. (see Section
4.7.1.1 - Rx Gain Control on page 10
Att step size
3.5
4
4.5
dB
AAF cutoff frequency
1
1.4
2
MHz
-3dB corner vs low frequency
Output SDR
2 tones
e
66
dBc
For RxPGA gain=31dB, measured at
output of ADC.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com