Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136G Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST70136G
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136G Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST70136G Datasheet HTML 16Page - STMicroelectronics ST70136G Datasheet HTML 17Page - STMicroelectronics ST70136G Datasheet HTML 18Page - STMicroelectronics ST70136G Datasheet HTML 19Page - STMicroelectronics ST70136G Datasheet HTML 20Page - STMicroelectronics ST70136G Datasheet HTML 21Page - STMicroelectronics ST70136G Datasheet HTML 22Page - STMicroelectronics ST70136G Datasheet HTML 23Page - STMicroelectronics ST70136G Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ST70136
23/24
7 - PACKAGE MECHANICAL DATA
Figure 14 : Package LFBGA64 (8 x 8 x 1.7 mm)
Dimensions
Millimeters
Inches (approx)
Minimum
Typical
Maximum
Minimum
Typical
Maximum
A
1.700
0.067
A1
0.350
0.400
0.450
0.014
0.016
0.018
A2
1.100
0.043
b
0.500
0.20
D
8.000
0.315
D1
5.600
0.220
e
0.800
0.031
E
8.000
0.315
E1
5.600
0.220
f
1.200
0.047
E1
φ b (64 PLACES)
A
B
C
D
E
F
G
H
8765
4321
e
D1
f
f
BALL 1 IDENTIFICATION
A2
A
A1
0.15
E
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com