Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF3JB Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # EGF3JB
Description  3.0A Sintered Glass Passivated Super Fast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGF3JB Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  EGF3JB Datasheet HTML 1Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 2Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 3Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 4Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-06-03
EGF3AB – EGF3KB
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
3.0A Sintered Glass Passivated
Super Fast Rectifier
3.0A Sintered Glass Passivated Super Fast Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• Ideal for surface mount automotive applications
• Built-in strain relief
• Easy pick and place
• High temperature soldering guaranteed:250°C/10 seconds,
at terminals
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AA(SMB) molded plastic over passivated chip
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.003 ounce, 0.093 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
EGF3AB
EGF3BB
EGF3DB
EGF3GB
EGF3JB
EGF3KB
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
TL=110° C
IFSM
Peak Forward
Surge Current
115
105
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
SMB


Similar Part No. - EGF3JB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EGF3J ZSELEC-EGF3J Datasheet
115Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - EGF3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF30AG DIODES-SF30AG Datasheet
62Kb / 2P
3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. B-2
SF30AG DIODES-SF30AG_1 Datasheet
87Kb / 3P
3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24014 Rev. 4 - 2
logo
TAITRON Components Inco...
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
3.0A Sintered Glass Passivated Ultra Fast Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
1.0A Sintered Glass Passivated Super Fast Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
3.0A Sintered Glass Passivated Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com