Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF3JB Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # EGF3JB
Description  3.0A Sintered Glass Passivated Super Fast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGF3JB Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  EGF3JB Datasheet HTML 1Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 2Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 3Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 4Page - TAITRON Components Incorporated EGF3JB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Sintered Glass Passivated Super Fast Rectifier
Rev. A/AH 2008-06-03
EGF3AB – EGF3KB
www.taitroncomponents.com
Page 2 of 5
Fig.1- Forward Current Derating Curve
Lead Temperature (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Note: Thermal resistance from junction to ambient P.C.B mounted on 0.2x0.2” (5.0x5.0mm) copper pad
areas.
Typical Characteristics Curves
Symbol
Description
EGF3AB
EGF3BB
EGF3DB
EGF3GB
EGF3JB
EGF3KB
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
1.7
2.2
V
IF=3.0 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
120
µA
TA=125° C
Trr
Maximum Reverse
Recovery Time
35
nS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
45
pF
VR=4V, f=1MHz
RthJA
Typical Thermal
Resistance
16
°C / W
Note
TJ,TSTG
Operating junction
and Storage
Temperature
Range
-55 to +175
° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com