Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16HT Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # FEP16HT
Description  16A Super Fast Recovery Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

FEP16HT Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  FEP16HT Datasheet HTML 1Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 2Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 3Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 4Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-04-25
FEP16AT – FEP16JT
16A Super Fast
Recovery Rectifiers
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
16A Super Fast Recovery Rectifiers
Features
• Glass passivated chip junction
• Super fast recovery times, high voltage
• Low power loss, high efficiency
• Low forward voltage, high current capability
• High surge current capability
• RoHS Compliance
Mechanical Data
Case:
TO-220, molded plastic
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Lead, solderable per MIL-STD-202, Method 208
Polarity:
As marked
Mounting
Torque:
10 in-lbs maximum
Weight:
0.08 ounces, 2.24 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
150
200
300
400
500
600
V
VRMS
Maximum RMS Voltage
35
70
105
140
210
280
350
420
V
VDC
Maximum DC Blocking
Voltage
50
100
150
200
300
400
500
600
V
IF(AV)
Maximum Average
Forward Rectified
Current
16
A
TC=100˚C
IFSM
Peak Forward Surge
Current per leg
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
TO-220


Similar Part No. - FEP16HT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16HT FAIRCHILD-FEP16HT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FEP16HT GE-FEP16HT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP16HT VISHAY-FEP16HT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
07-Nov-07
logo
EIC discrete Semiconduc...
FEP16HT EIC-FEP16HT Datasheet
121Kb / 2P
Ultrafast Plastic Rectifiers
logo
Thinki Semiconductor Co...
FEP16HT THINKISEMI-FEP16HT Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - FEP16HT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 16A)
logo
Frontier Electronics.
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
16A FAST RECOVERY RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
MUR1660CT ASEMI-MUR1660CT Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660CT ASEMI-MURF1660CT Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SF1606 ASEMI-SF1606 Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com