Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16HT Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # FEP16HT
Description  16A Super Fast Recovery Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

FEP16HT Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  FEP16HT Datasheet HTML 1Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 2Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 3Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 4Page - TAITRON Components Incorporated FEP16HT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
16A Super Fast Recovery Rectifiers
Rev. A/AH 2008-04-25
FEP16AT – FEP16JT
www.taitroncomponents.com
Page 2 of 5
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz
Fig.1-Forward Current Derating Curve
Case Temperature (°C)
Typical Characteristics Curves
Symbol
Description
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage per leg
0.95
1.30
1.50
V
IF=8.0A
10
TC=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
500
µA
TC=100° C
Trr
Typical Reverse
Recovery Time per leg
35
50
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance per leg
85
60
pF
VR=4V, f=1MHz
RthJC
Typical Thermal
Resistance from
Junction to Case per
leg
2.2
° C/W
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com