Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 27Page - STMicroelectronics ST7263 Datasheet HTML 28Page - STMicroelectronics ST7263 Datasheet HTML 29Page - STMicroelectronics ST7263 Datasheet HTML 30Page - STMicroelectronics ST7263 Datasheet HTML 31Page - STMicroelectronics ST7263 Datasheet HTML 32Page - STMicroelectronics ST7263 Datasheet HTML 33Page - STMicroelectronics ST7263 Datasheet HTML 34Page - STMicroelectronics ST7263 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
ST7263
31/109
I/O PORTS (Cont’d)
5.1.7 Register Description
DATA REGISTERS (PxDR)
Port A Data Register (PADR): 0000h
Port B Data Register (PBDR): 0002h
Port C Data Register (PCDR): 0004h
Read /Write
Reset Value Port A: 0000 0000 (00h)
Reset Value Port B: 0000 0000 (00h)
Reset Value Port C: 1111 x000 (FXh)
Note: for Port C, unused bits (7-3) are not acces-
sible.
Bit 7:0 = D7-D0
Data Register 8 bits.
The DR register has a specific behaviour accord-
ing to the selected input/output configuration. Writ-
ing the DR register is always taken in account
even if the pin is configured as an input. Reading
the DR register returns either the DR register latch
content (pin configured as output) or the digital val-
ue applied to the I/O pin (pin configured as input).
DATA DIRECTION REGISTER (PxDDR)
Port A Data Direction Register (PADDR): 0001h
Port B Data Direction Register (PBDDR): 0003h
Port C Data Direction Register (PCDDR): 0005h
Read/Write
Reset Value Port A: 0000 0000 (00h)
Reset Value Port B: 0000 0000 (00h)
Reset Value Port C: 1111 x000 (FXh)
Note: for Port C, unused bits (7-3) are not acces-
sible
Bit 7:0 = DD7-DD0
Data Direction Register 8 bits.
The DDR register gives the input/output direction
configuration of the pins. Each bits is set and
cleared by software.
0: Input mode
1: Output mode
Table 13. I/O Ports Register Map
70
D7
D6
D5
D4
D3
D2
D1
D0
70
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
Address
(Hex.)
Register
Label
76
5
4
32
10
00
PADR
MSB
LSB
01
PADDR
MSB
LSB
02
PBDR
MSB
LSB
03
PBDDR
MSB
LSB
04
PCDR
MSB
LSB
05
PCDDR
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com