Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72631 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72631
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72631 Datasheet HTML 1Page - STMicroelectronics ST72631 Datasheet HTML 2Page - STMicroelectronics ST72631 Datasheet HTML 3Page - STMicroelectronics ST72631 Datasheet HTML 4Page - STMicroelectronics ST72631 Datasheet HTML 5Page - STMicroelectronics ST72631 Datasheet HTML 6Page - STMicroelectronics ST72631 Datasheet HTML 7Page - STMicroelectronics ST72631 Datasheet HTML 8Page - STMicroelectronics ST72631 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
Rev. 1.8
August 2000
1/109
ST7263
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY,
up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
DATASHEET
s
Up to 16Kbytes program memory
s
Data RAM: up to 512 bytes with 64 bytes stack
s
Run, Wait and Halt CPU modes
s
12 or 24 MHz oscillator
s
RAM retention mode
s
USB (Universal Serial Bus) Interface with DMA
for low speed applications compliant with USB
1.5 Mbs specification (version 1.1) and USB
HID specifications (version 1.0)
s
Integrated
3.3V
voltage
regulator
and
transceivers
s
Suspend and Resume operations
s
3
endpoints
with
programmable
in/out
configuration
s
19 programmable I/O lines with:
– 8 high current I/Os (10mA at 1.3V)
– 2 very high current pure Open Drain I/Os
(25mA at 1.5V)
– 8 lines individually programmable as interrupt
inputs
s
Optional Low Voltage Detector (LVD)
s
Programmable Watchdog for system reliability
s
16-bit Timer with:
– 2 Input Captures
– 2 Output Compares
– PWM Generation capabilities
– External Clock input
s
Asynchronous Serial Communications Interface
(8K and 16K program memory versions only)
s
I2C Multi Master Interface up to 400 KHz
(16K program memory version only)
s
8-bit A/D Converter (ADC) with 8 channels
s
Fully static operation
s
63 basic instructions
s
17 main addressing modes
s
8x8 unsigned multiply instruction
s
True bit manipulation
s
Versatile Development Tools (under Windows)
including
assembler,
linker,
C-compiler,
archiver,
source
level
debugger,
software
library,
hardware
emulator,
programming
boards and gang programmers
Table 1. Device Summary
Note 1: EPROM version for development only
SO34 (Shrink)
PSDIP32
CSDIP32W
Features
ST72631
ST72632
ST72633
ROM - OTP (bytes)
16K
8K
4K
RAM (stack) - bytes
512 (64)
256 (64)
Peripherals
Watchdog, 16-bit timer, SCI, I2C, ADC,
USB
Watchdog, 16-bit timer,
SCI, ADC, USB
Watchdog, 16-bit timer,
ADC, USB
Operating Supply
4.0V to 5.5V
CPU frequency
8 Mhz (with 24 MHz oscillator) or 4 MHz (with 12 MHz oscillator)
Operating temperature
0°C to +70°C
Packages
SO34/SDIP32
EPROM device
ST72E631 1 (CSDIP32W)
1


Similar Part No. - ST72631

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST7263BD6U1 STMICROELECTRONICS-ST7263BD6U1 Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BD6U1XXX STMICROELECTRONICS-ST7263BD6U1XXX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BDx STMICROELECTRONICS-ST7263BDx Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results

Similar Description - ST72631

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Mar-1998
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com