Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72631 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72631
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72631 Datasheet HTML 2Page - STMicroelectronics ST72631 Datasheet HTML 3Page - STMicroelectronics ST72631 Datasheet HTML 4Page - STMicroelectronics ST72631 Datasheet HTML 5Page - STMicroelectronics ST72631 Datasheet HTML 6Page - STMicroelectronics ST72631 Datasheet HTML 7Page - STMicroelectronics ST72631 Datasheet HTML 8Page - STMicroelectronics ST72631 Datasheet HTML 9Page - STMicroelectronics ST72631 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
ST7263
6/109
1.2 PIN DESCRIPTION
Figure 2. 34-Pin SO Package Pinout
Figure 3. 32-Pin SDIP Package Pinout
18
19
20
21
22
23
31
30
29
28
27
26
25
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
OSCOUT
AIN4/IT5/PB4
(10mA)
AIN5/IT6/PB5
(10mA)
VPP/TEST
AIN6/IT7/PB6
(10mA)
AIN7/IT8/PB7
(10mA)
NC
RESET
PC0/RDI
PC1/TDO
PC2/USBOE
VSS
OSCIN
USBDP
VSSA
PB0
(10mA)/AIN0
PA7/OCMP2/IT4
PA6/OCMP1/IT3
PA5/ICAP2/IT2
PA4/ICAP1/IT1
PA3/EXTCLK
PA2
(25mA)/SCL
NC
NC
NC
PA1
(25mA)/SDA
PA0/MCO
15
16
17
AIN1/PB1
(10mA)
AIN2/PB2
(10mA)
AIN3/PB3
(10mA)
34
33
32
VDDA
USBVCC
USBDM
* VPP on EPROM/OTP versions only
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
VDD
OSCOUT
AIN1/PB1/
(10mA)
AIN2/PB2
(10mA)
AIN3/PB3
(10mA)
AIN4/IT5/PB4
(10mA)
AIN5/IT6/PB5
(10mA)
VPP/TEST*
AIN6/IT7/PB6
(10mA)
PC0/RDI
PC1/TDO
PC2/USBOE
VSS
OSCIN
AIN7/IT8/PB7
(10mA)
RESET
VDDA
USBVCC
PB0
(10mA)/AIN0
PA7/COMP2/IT4
PA6/COMP1/IT3
PA5/ICAP2/IT2
PA4/ICAP1/IT1
PA3/EXTCLK
PA2
(25mA)/SCL
PA1
(25mA)/SDA
PA0/MCO
VSSA
USBDP
USBDM
NC
NC
* VPP on EPROM/OTP versions only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com